Electronic Components Datasheet Search
  English  ▼

X  

401021 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # 401021
Description  Light Meter Adapters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

401021 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  401021 Datasheet HTML 1Page - Extech Instruments Corporation. 401021 Datasheet HTML 2Page - Extech Instruments Corporation. 401021 Datasheet HTML 3Page - Extech Instruments Corporation. 401021 Datasheet HTML 4Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
401020 and 401021
Ver. 1.03 11/99
TYPICAL LIGHT LEVELS
Lux
Foot
Candles
Lux
Foot
Candles
Factories
Home
20-75
2-7
Emergency Stairs, Warehouse
100-150
10-15
Washing
75-150
7-15
Exit/Entrance Passages
150-200
15-20
Recreational Activities
150-300
15-30
Packing Work
200-300
20-30
Drawing Room, Table
300-750
30-75
Visual Work: Production Line
300-500
30-50
Makeup
750-1,500
75-150
Typesetting: Inspection Work
500-1,500
50-150
Reading, Study
1,500-3,000 150-300 Electronic Assembly, Drafting
1,000-2,000
100-200 Sewing
Office
Restaurant
75-100
7-10
Indoor Emergency Stairs
75-150
7-15
Corridor Stairs
100-200
10-20
Corridor Stairs
150-300
15-30
Entrance, Wash Room
200-750
20-75
Conference, Reception Room
300-750
30-75
Cooking Room, Dining
Table
750-1,500
75-150
Clerical Work
750-1,500
75-150
Show Window
1,500-2,000 150-2000 Typing, Drafting
Store
Hospital
75-150
7-15
Indoors
30-75
3-7
Emergency Stairs
150-200
15-20
Corridor/Stairs
75-100
7-10
Stairs
200-300
20-30
Reception
100-150
10-15
Sick Room, Warehouse
300-500
30-50
Display Stand
150-200
15-20
Waiting Room
500-750
50-75
Elevator
200-750
20-75
Medical Exam Room
750-1,500
75-150
Show Window, Packing Table
750-1,500
75-150
Operating Room
1,500-3,000 150-300 Storefront, Show Window
5,000-10,000 500-1000 Eye Inspection
COMMON CONVERSION FACTORS
1 lux (lx)
10-4 lm/cm2
10-4 phot (ph)
9.290 x 10-2 lm/ft2
Illuminance (Visible Flux Density)
1 lm/m2 =
9.290 x 10-2 foot-candles
Luminance (Visible Flux Density per Solid Angle)
1 lm/m2/sr = 1 candela/m2
Luminous Intensity (Visible Flux per Solid Angle)
1 lm/sr = 1 candella
Luminous Flux ( Visible Flux)
1 lumen (lm) = 1.464 x 10-3 watts @ 555 nm
Copyright © 1999 Extech Instruments Corporation. All rights reserved
including the right of reproduction in whole or in part in any form.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com