Electronic Components Datasheet Search
  English  ▼

X  

UCC5620 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5620
Description  27-Line SCSI Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5620 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5620 Datasheet HTML 1Page - Texas Instruments UCC5620 Datasheet HTML 2Page - Texas Instruments UCC5620 Datasheet HTML 3Page - Texas Instruments UCC5620 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
UCC5620
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Regulator Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65 C to +150 C
Junction Temperature . . . . . . . . . . . . . . . . . . .
−55 C to +150 C
Lead Temperature (Soldering, 10 Sec.). . . . . . . . . . . . . +300 C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
ABSOLUTE MAXIMUM RATINGS
DISCNCT
GND
LINE21
LINE20
LINE19
LINE7
LINE23
LINE9
GND
LINE27
GND
LINE24
LINE25
LINE26
LINE8
GND
LINE10
REG
GND
GND
LINE11
LINE12
14
13
12
11
10
9
8
7
6
5
4
3
2
1
23
24
25
26
27
28
29
30
31
32
33
34
35
36
18
17
16
15
LINE15
LINE3
LINE4
19
20
21
22
LINE13
LINE14
LINE1
LINE2
TRMPWR
LINE18
LINE17
LINE16
LINE22
LINE5
LINE6
CONNECTION DIAGRAM
SSOP-36 (Top View)
MWP Package
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C, TRMPWR
= 4.75V, DISCNCT = 0V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
TRMPWR Supply Current
All Termination Lines = Open
1
2
mA
All Termination Lines = 0.2V
630
650
mA
Power Down Mode
DISCNCT = TRMPWR
100
200
µA
48
47
46
45
1
44
43
42
41
40
39
38
37
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
LINE 22
LINE 5
LINE 6
LINE 7
LINE 8
HS/GND
N/C
LINE 24
LINE 9
HS/GND
HS/GND
REG
LINE 19
LINE 20
LINE 21
TRMPWR
HS/GND
LINE 17
LINE 18
LINE 16
LINE 4
LINE 15
LINE 2
LINE 3
N/C
LINE 12
LINE 13
LINE 14
HS/GND
LINE 27
LINE 26
LINE 25
DISCNCT1
HS/GND
LINE 10
N/C
LINE 11
HS/GND
HS/GND
HS/GND
LINE 23
HS/GND
HS/GND
LINE 1
HS/GND
HS/GND
HS/GND
N/C
LFQP-48 (Top View)
FQP Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com