Electronic Components Datasheet Search
  English  ▼

X  

UCC5620 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5620
Description  27-Line SCSI Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5620 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5620 Datasheet HTML 1Page - Texas Instruments UCC5620 Datasheet HTML 2Page - Texas Instruments UCC5620 Datasheet HTML 3Page - Texas Instruments UCC5620 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
UCC5620
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C, TRMPWR
= 4.75V, DISCNCT = 0V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Section (Termination Lines)
Termination Impedance
(Note 3)
104.5
110
115.5
Ω
Output High Voltage
(Note 1)
2.6
2.8
3.0
V
Max Output Current
VLINE = 0.2V, TJ = 25°C
−22.1 −23.3
−24
mA
VLINE = 0.2V
−20.7 −23.3
−24
mA
VLINE = 0.2V, TRMPWR = 4V, TJ = 25°C (Note 1)
−21
−23
−24
mA
VLINE = 0.2V, TRMPWR = 4V (Note 1)
−20
−23
−24
mA
VLINE = 0.5V
−22.4
mA
Output Leakage
DISCNCT = 2.4V, TRMPWR = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 2.4V (Note 2)
2.5
4
pF
Regulator Section
Regulator Output Voltage
2.6
2.8
3.0
V
Drop Out Voltage
All Termination Lines = 0.2V
0.4
0.8
V
Short Circuit Current
VREG = 0V
−650
−900 –1300
mA
Sinking Current Capability
VREG = 3.5V
300
500
900
mA
Thermal Shutdown
170
C°
Thermal Shutdown Hysteresis
10
C°
Disconnect Section
Disconnect Threshold
0.8
1.5
2.0
V
Input Current
DISCNCT = 0V
–20
–60
µA
Note 1:Measuring each termination line while other 26 are low (0.2V).
Note 2:Guaranteed by design. Not 100% tested in production.
Note 3:Tested by measuring IOUT with VOUT = 0.2V and VOUT with no load, then calculate:
()
Z
VN L
V
Iat
V
OUT
OUT
=
−
..
.
.
02
02
PIN DESCRIPTIONS
DISCNCT: Taking this pin high or leaving it open causes
all channels to become high impedance, and the chip to
go into low-power mode; a low state allows the channels
to provide normal termination.
GND: Ground reference for the IC.
LINE1 - LINE27: 110
Ω termination channels.
REG: Output of the internal 2.7V regulator.
TRMPWR: Power for the IC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com