Electronic Components Datasheet Search
  English  ▼

X  

407495 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # 407495
Description  Heavy Duty Pressure Meter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407495 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  407495 Datasheet HTML 1Page - Extech Instruments Corporation. 407495 Datasheet HTML 2Page - Extech Instruments Corporation. 407495 Datasheet HTML 3Page - Extech Instruments Corporation. 407495 Datasheet HTML 4Page - Extech Instruments Corporation. 407495 Datasheet HTML 5Page - Extech Instruments Corporation. 407495 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
407495 V2.1 11/2007
5
Specifications
General Specifications
Display
Multi-function LCD
Transducers
30, 150 and 300 max. psi (sold separately)
Transducer signal
Full scale: 100mVDC
Display units
Bar, psi, Kg/cm
2, mmHg, inches Hg, meters H
2O, inches H2O,
Atmosphere
Zero adjust
Front panel push-button
Data Hold
Displayed reading can be held by front panel push-button
Min/Max Memory
Lowest/Highest readings can be stored for later recall
PC Interface kit
Built-in RS-232 port for use with optional Windows
TM data
acquisition software
Auto Power-Off
To conserve battery life, the meter turns OFF automatically
after approx. 10 minutes (programmable over-ride).
Sampling time
0.8 seconds approx.
Power supply
9V Battery
Low battery indication
Rectangular battery-life box appears on the left side of LCD.
Power consumption
Approx. 7mA
Operating Temperature
32 to 122
oF (0 to 50oC)
Operating Humidity
Less than 80% RH
Dimensions
7.1 x 2.8 x 1.3" (180 x 72 x 32mm)
Weight
Approx. 0.76 lbs. (345g)
Accessories
Protective rubber holster and 9V battery
Transducer Range, Resolution, and Accuracy Specifications
psi
bar
Kg/cm
2
mm Hg
in Hg
m H2O
in H2O
atm
30
2
2.040
1500
59.05
20.4
802
1.974
Range
Resolution
0.02
0.002
0.002
2
0.05
0.02
1
0.002
150
10
10.19
7500
295.2
101.9
4010
9.87
Range
Resolution
0.2
0.01
0.01
10
0.2
0.1
5
0.01
300
20
20.40
15000
590.5
204.0
8020
19.74
Range
Resolution
0.2
0.02
0.02
20
0.5
0.2
10
0.02
Accuracy:
Meter only: ± (0.5% reading + 1 digit)
Transducer only: ± 2% full scale
Combined: ± (2.5% full scale + 1 digit)
Accuracy note:
Specified accuracy applies to meter at 23
oC (±5oC)
Calibration note: Re-calibration is not required each time a new transducer is attached.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com