Electronic Components Datasheet Search
  English  ▼

X  

407495 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # 407495
Description  Heavy Duty Pressure Meter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407495 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

  407495 Datasheet HTML 1Page - Extech Instruments Corporation. 407495 Datasheet HTML 2Page - Extech Instruments Corporation. 407495 Datasheet HTML 3Page - Extech Instruments Corporation. 407495 Datasheet HTML 4Page - Extech Instruments Corporation. 407495 Datasheet HTML 5Page - Extech Instruments Corporation. 407495 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
407495 V2.1 11/2007
6
Support line (781) 890-7440
Technical Support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User Guide, Software updates, and other
up-to-the-minute product information, visit our website: www.extech.com
Extech Instruments Corporation, 285 Bear Hill Road, Waltham, MA 02451
Transducer Specifications
Model
Maximum Capacity
PT30
30psi (2 BAR)
PT150
150psi (10BAR)
PT300
300psi (20 BAR)
Overload protection
150% of max capacity
Diaphragm
Ceramic
Supply voltage
5V
Thread
¼” PS, 19 teeth per inch
Span (full scale)
± 1% (10 to 40ºC) includes linearity, hysteresis & repeatability
Zero
± 2% Full Scale (10ºC to 40ºC)
Operating Temperature
32ºF to 140ºF (0ºC to 40ºC)
Operating Humidity
Max 80% RH
Output
Full capacity output = 100 mV DC
Size
30 mm diameter x 85mm
Weight
5.65oz. (160g)
Cable length
39” (1m)
Calibration and Repair Services
Extech offers repair and calibration services for the products we sell. Extech also
provides NIST certification for most products. Call the Customer Service Department for
information on calibration services available for this product. Extech recommends that
annual calibrations be performed to verify meter performance and accuracy.
Copyright © 2007
Extech Instruments Corporation.
All rights reserved including the right of reproduction in whole or in part in any form.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com