Electronic Components Datasheet Search
  English  ▼

X  

4465CF Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # 4465CF
Description  Hygro-Thermometers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

4465CF Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  4465CF Datasheet HTML 1Page - Extech Instruments Corporation. 4465CF Datasheet HTML 2Page - Extech Instruments Corporation. 4465CF Datasheet HTML 3Page - Extech Instruments Corporation. 4465CF Datasheet HTML 4Page - Extech Instruments Corporation. 4465CF Datasheet HTML 5Page - Extech Instruments Corporation. 4465CF Datasheet HTML 6Page - Extech Instruments Corporation. 4465CF Datasheet HTML 7Page - Extech Instruments Corporation. 4465CF Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Model 446580 Version 2.0 June 2004
5
Running the supplied Datalogging software
1. Place the supplied software CD in the PC CD-ROM drive and follow the on-screen
instructions for installation.
2. Launch the program by double clicking the program file in the location where it was
saved during installation.
3. Remember not to run the supplied software until the meter is properly connected to the
PC as described earlier.
4. Select COM1 or COM2 when prompted. The PANEL software window will open (see
PANEL window diagram).
Note that the PC Interface communication settings are as follows:
Baud rate: 9600; Parity: none; Data bits: 8; Stop bits: 1
PANEL Software Window Description
When the supplied software is launched the first
software screen that appears is the PANEL window
(see diagram).
Refer to this diagram for the
remainder of the manual since other described
functions will use the PANEL window.
1.
Menu heading
2.
Display facsimile
3.
Meter buttons (only TEMP-RH can be selected
remotely)
4.
REC (click to put meter in continuous
datalogging mode)
5.
rec (click to log one reading in the meter)
6.
Sampling rate (for data acquisition, not
datalogger)
7.
Current data filename and location for data
acquisition
8.
PC COM port status (COM1 or COM2 will
appear if communication is active, NO COM will
appear if communication is not active)
Setting the Meter’s Real Time Clock
1. Click OPTION in the PANEL software window and select SYSTEM TIME SET.
2. The current PC system time and date will now be transferred to the meter.
3. When data is logged, the time and date information is saved alongside each data point.
ID CODE
This field is reserved for future use. At present, a 5-digit code can be entered for reference.
Setting the Datalogger Recording (Sampling) Interval
In the Continuous recording mode (described earlier) the meter stores readings at a certain
interval of time. This interval of time, known as the sampling rate, is user-programmable.
Set the rate as follows:
1. Select MEMORY from the OPTION menu in the PANEL software window. The
LOGGER window will open (see the LOGGER window diagram).
2. Type the desired sampling rate in the SAMPLING field in the LOGGER window. The
rate can be set from 1 second to 65 seconds. This means that readings can be stored
every second up to every 65 seconds.
3. Important! Click on the word SAMPLING after the time interval has been typed. This
will activate the new sampling rate. Confirm the change by closing and re-opening the
LOGGER software window.
1
2
3
4
5
6
7
8
PANEL Software



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com