Electronic Components Datasheet Search
  English  ▼

X  

4465CF Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # 4465CF
Description  Hygro-Thermometers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

4465CF Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  4465CF Datasheet HTML 1Page - Extech Instruments Corporation. 4465CF Datasheet HTML 2Page - Extech Instruments Corporation. 4465CF Datasheet HTML 3Page - Extech Instruments Corporation. 4465CF Datasheet HTML 4Page - Extech Instruments Corporation. 4465CF Datasheet HTML 5Page - Extech Instruments Corporation. 4465CF Datasheet HTML 6Page - Extech Instruments Corporation. 4465CF Datasheet HTML 7Page - Extech Instruments Corporation. 4465CF Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Model 446580 Version 2.0 June 2004
4
Analog Output - Model 4465CF
The Model 4465CF has an analog output whereby the user can connect a datalogging
device such as a chart recorder to capture temperature and humidity readings. The analog
output jack located on the right side of the Model 4465CF accepts a TIP-RING-SLEEVE
3.5mm phono plug (detailed below).
The analog output signal is 10mVDC per Temperature degree (with TEMP selected on
front panel switch) or 10mVDC per Relative Humidity percentage unit (with %RH selected
via front panel switch). For example, for a temperature of 65
oF the analog output signal
would be 650mVDC. For a humidity of 50% the analog output signal would be 500mVDC.
The output impedance of the analog circuit is 50 ohms.
PC Interface – Model 446580
Data Acquisition and Datalogger modes
The Model 446580 can perform DATALOGGING and DATA ACQUISITION functions.
These two modes of operation, distinctly different, are explained separately.
In the Datalogger mode, the meter records data remotely then, at a later time, the meter is
connected to the PC and the readings are transferred.
In the Data Acquisition mode, the meter takes readings while connected to the PC. The
readings are taken, displayed, and stored all at the same time.
These two modes are discussed in the subsequent sections:
Datalogging Mode
The meter can log up to 7000 readings that can later be transferred to a PC. The benefit is
that the meter can record remotely without having to be connected to a PC. The supplied
Windows
TM software allows the user to transfer data from the meter to a PC at any time.
Before Datalogging, the user must first set the sampling rate and the real time clock.
Please reading the remaining sections of this manual for instructions on these and other
functions including datalogging, downloading data from the meter to a PC, and the Data
Acquisition mode of operation.
Connecting the Model 446580 to a PC
The Model 446580 has an RS-232 PC Interface jack on its right side. The supplied mini-
plug to DB9 cable (see diagram) is used to connect the meter to a PC. The phono plug end
of the cable is inserted in the meter’s PC interface jack and the DB9 (9-pin) side is inserted
into an available serial port on the PC. Do not run the supplied software until the meter is
properly connected to the PC.
SLEEVE
RING (both Ground)
TIP (DC Voltage)
3.5mm phono plug
SLEEVE: Ground to PIN5 of DB9
TIP: Transmit (Tx) to PIN3
RING: Receive (Rx) to PIN2 of DB9
DB9 connector
3.5mm phono plug



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com