Electronic Components Datasheet Search
  English  ▼

X  

UCC5630 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5630
Description  Low Voltage Differential LVD/SE SCSI 9 Line Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5630 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5630 Datasheet HTML 1Page - Texas Instruments UCC5630 Datasheet HTML 2Page - Texas Instruments UCC5630 Datasheet HTML 3Page - Texas Instruments UCC5630 Datasheet HTML 4Page - Texas Instruments UCC5630 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
UCC5630
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, TA = 0°C to 70°C, TRMPWR = 3.3V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
2.7V Regulator
Single Ended Mode
2.5
2.7
3
V
2.7V Regulator Source Current
Single Ended Mode
–200
–400
–800
mA
2.7V Regulator Sink Current
Single Ended Mode
100
200
400
mA
2.7V Regulator Dropout Voltage
VTRMPWR – (VREG – 2.7 Min)
200
mV
Differential Termination Section
Differential Impedance
100
105
110
Ω
Common Mode Impedance
110
125
165
Ω
Differential Bias Voltage
Drivers Tri-stated
100
125
mV
Common Mode Bias
1.25
V
Output Capacitance
Single Ended Measurement to Ground (Note 1)
3.5
pF
Single Ended Termination Section
Impedance
102.3
110
117.7
Ω
Termination Current
Signal Level 0.2V
–21
–23
–25.4
mA
Signal Level 0.5V
–22.4
mA
Output Leakage
Disabled, TRMPWR = 0V to 5.25V
400
nA
Output Capacitance
Single Ended Measurement to Ground (Note 1)
3
pF
Single Ended GND SW Impedance
60
Ω
Disconnect (DISCNCT) Input Section
DISCNCT Threshold
0.8
2.0
V
DISCNCT Input Current
VDISCNCT = 0V and 3.3V
–30
30
µA
Differential Sense (DIFFB) Input Sections
DIFFB Single Ended Threshold
0.6
0.7
V
DIFFB Sense LVDS Threshold
1.9
2.2
V
DIFFB Input Current
VDIFFB = 0V and 3.3V
–30
30
µA
Master/Slave (MSTR/SLV) Input Section
MSTR/SLV Threshold
0.8
2
V
MSTR/SLV Input Current
–30
30
µA
Status Bits (SE, LVD, HIPD) Output Section
ISOURCE
VLOAD = 2.4V
–4
–8.7
mA
ISINK
VLOAD = 0.5V
3
6
mA
VLOAD = 0.4V
2
5
mA
Note 1: Guaranteed by design. Not 100% tested in production.
PIN DESCRIPTIONS
DIFFB: DIFSENS filter pin should be connected to a
0.1
µF capacitor to GND and 20k resistor to SCSI/Bus
DIFSENS Line.
DIFSENS: The SCSI bus DIFSENS line is driven to 1.3V
to detect what type of devices are connected to the SCSI
bus.
DISCNCT: Disconnect shuts down the terminator when it
is not at the ended of the bus. The disconnect pin low en-
ables the terminator.
HIPD: TTL compatible status bit indicating high voltage
differential has been detected on DIFFB. The terminator
is in shutdown. (Not valid in disconnect mode.)
HS/GND: Heat Sink GND. Connect to large area PC
board traces to increase power dissipation capability.
GND: Power Supply Return.
L1– thru L9–: Signal line/active line for single ended or
negative line in differential applications for the SCSI bus.
L1+ thru L9+: Ground line for single ended or positive
line for differential applications for the SCSI bus.
LVD: TTL compatible status bit indicating low voltage dif-
ferential level on DIFFB. The terminator is in LVD
mode.(Not valid in disconnect mode.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com