Electronic Components Datasheet Search
  English  ▼

X  

UCC5630 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC5630
Description  Low Voltage Differential LVD/SE SCSI 9 Line Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5630 Datasheet(HTML) 4 Page - Texas Instruments

  UCC5630 Datasheet HTML 1Page - Texas Instruments UCC5630 Datasheet HTML 2Page - Texas Instruments UCC5630 Datasheet HTML 3Page - Texas Instruments UCC5630 Datasheet HTML 4Page - Texas Instruments UCC5630 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
UCC5630
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 • FAX (603) 424-3460
REG
TERMPWR
DISCNCT
TERMPWR
DIFFB
REG
DIFF B
TERMPWR
TERMPWR
4.7
µF .
4.7
µF .
0.1
µF .
4.7
µF
0.1
µF .
36
17
20
1
21
20k
20
21
1
CONTROL LINES
36
DISCNCT 17
CONTROL LINES
DIFFSENSE
DIFFSENSE
REG
TERMPWR
DISCNCT
DIFF B
4.7
µF .
36
17
1
21
DATA LINES (9)
20k
REG
TERMPWR
DIFFB
4.7
µF .
36
19
1
21
DATA LINES (9)
TERMPWR
REG
DIFFB
4.7
µF
21
1
DATA LINES (9)
36
DISCNCT 17
TERMPWR
REG
DIFFB
4.7
µF
21
1
DATA LINES (9)
36
DISCNCT 17
4.7
µF .
MSTR/SLV
19
19
MSTR/SLV
19
MSTR/SLV
19
MSTR/SLV
MSTR/SLV
19
DISCNCT
17
MSTR/SLV
APPLICATION INFORMATION
UDG-96211
Balancing capacitor is very important in high speed op-
eration. The typical balance between the positive (+) and
negative (–) signals is 0.1pF except for L8 and L9,
0.23pF and 0.4pF respecitvely on the MWP package.
The negative (–) signal has higher capacitance than the
positive (+) signal. The FQP package is typically 0.2pF
less than the MWP. Typical balance is 0.1pF except for
L8 and L3, where it is 0.4pF.
The master is selected by placing TRMPWR on
MSTR/SLV and the terminator enabled by grounding
DISCNCT, enabling the 1.3V regulator. The master is the
only terminator connected directly to DIFSENS bus line,
all the other terminators receive the mode signal by con-
necting the DIFFB pins together.
Note: The Master/Slave function will not be on future termina-
tors.
MSTR/SLV: Mode select for the non-controlling termina-
tor. MSTR enables the 1.3V regulator, when the termina-
tor is enabled. Note: Theis function will be removed on
further generations of the multimode terminators.
REG: Regulator bypass, must be connected to a 4.7
µF
capacitor.
SE: TTL compatible status bit indicating single ended de-
vice has been detected on DIFFB. The terminator is in
single ended mode.
TRMPWR: VIN 2.7V to 5.25V supply.
PIN DESCRIPTIONS (cont.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com