Electronic Components Datasheet Search
  English  ▼

X  

AM300 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # AM300
Description  300A AC Analog Clamp Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AM300 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

  AM300 Datasheet HTML 1Page - Extech Instruments Corporation. AM300 Datasheet HTML 2Page - Extech Instruments Corporation. AM300 Datasheet HTML 3Page - Extech Instruments Corporation. AM300 Datasheet HTML 4Page - Extech Instruments Corporation. AM300 Datasheet HTML 5Page - Extech Instruments Corporation. AM300 Datasheet HTML 6Page - Extech Instruments Corporation. AM300 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AM300 V1.1 6/07
6
Resistance Measurements
WARNING: To avoid damage to the meter, do not apply voltage to the meter when
measuring resistance. Ensure that the circuit, device, or component under test is
disconnected from power before measuring resistance.
1.
Insert the black test lead into the negative COM terminal and the
red test lead into the OHMS positive terminal.
2.
Set the display scale to the OHMS position using the thumbwheel
switch.
3.
Ensure that the Pointer Lock switch is set to the right-most
position so that the pointer may freely move.
4.
With the test leads open, adjust the meter zero so that the pointer
is over the
∞ symbol.
5.
Touch the test lead tips together and adjust the 0 Ohms adjust
until the pointer is over the 0 ohms position.
6.
Touch the test probe tips across the circuit or component under
test.
7.
The analog display pointer will indicate the resistance reading.
Pointer Lock Function
The Pointer Lock switch freezes the pointer’s position and can be used as a ‘data hold’
feature. This feature is useful in dimly lit or hard to reach locations.
Maintenance
WARNING: To avoid electrical shock, disconnect the meter from any circuit and remove the test leads from
the input terminals before opening the case. Do not operate the meter with an open case.
Cleaning and Storage
Periodically wipe the case with a damp cloth and mild detergent; do not use abrasives or
solvents. If the meter is not to be used for 60 days or more, remove the battery and store it
separately.
Battery and Fuse Replacement
1.
Remove the two (2) Phillips head screws at the rear of the meter.
2.
Carefully open the meter housing.
3.
Replace the 1.5V ‘AA’ battery if necessary
4.
Replace the fuse if necessary with a 0.5A / 250V glass fuse (6mm x 30mm) or
equivalent. Note that a spare fuse is provided inside the meter housing.
5.
Close the meter and replace the meter screws securely.
W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com