Electronic Components Datasheet Search
  English  ▼

X  

AM300 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # AM300
Description  300A AC Analog Clamp Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AM300 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  AM300 Datasheet HTML 1Page - Extech Instruments Corporation. AM300 Datasheet HTML 2Page - Extech Instruments Corporation. AM300 Datasheet HTML 3Page - Extech Instruments Corporation. AM300 Datasheet HTML 4Page - Extech Instruments Corporation. AM300 Datasheet HTML 5Page - Extech Instruments Corporation. AM300 Datasheet HTML 6Page - Extech Instruments Corporation. AM300 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AM300 V1.1 6/07
4
Description
Meter Description
1.
Current clamp
2.
Clamp opening trigger
3.
Function Selector Switch
4.
Scale Display
5.
POINTER LOCK switch
6.
Meter zero adjust
7.
Zero ohms adjust
8.
COM negative input jack for black test lead
9.
OHMS positive input jack for red lead
10. VOLT positive input jack for red lead
Specifications
Function
Ranges
Accuracy
AC Current
(50/60Hz)
6, 15, 60, 150, and 300A AC
± 3% of Full Scale for 50/60Hz
AC Voltage
(50/60Hz)
300 and 600V AC
± 3% of Full Scale
DC Voltage
75V DC
± 3% of Full Scale
Resistance
2000
Ω (20Ω mid-scale)
± 3% of Scale Length
Clamp jaw opening
1.5" (38mm) max.
Display
Analog with Zero Adjustment
Input Impedance
240k
Ω (75VDC range), 530kΩ (300VAC range, 1MΩ
(600VAC range),
AC bandwidth
50 to 60Hz (50 to 400Hz for 15 through 300ACA ranges)
Ambient conditions
Temperature 32 - 104
oF (0 - 40oC); Relative Humidity <80%
Operating Altitude
7000ft. (2000m) maximum.
Battery
One (1) 1.5V ‘AA’ Battery
Fuse
0.5A / 250V glass fuse (6mm x 30mm); spare fuse supplied
Dimensions & Weight
9.0 x 2.8 x 1.5" (230 x 72 x 37mm); 14.7oz. (416g)
Safety
For indoor use and in accordance with the requirements for
double insulation to IEC1010-1 (2001): EN61010-1 (2001)
Overvoltage Category II 600V, Pollution Degree 2.
1
2
5
6
7
10
3
4
9
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com