Electronic Components Datasheet Search
  English  ▼

X  

VT30 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # VT30
Description  LCD Multifunction Voltage Tester
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

VT30 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

  VT30 Datasheet HTML 1Page - Extech Instruments Corporation. VT30 Datasheet HTML 2Page - Extech Instruments Corporation. VT30 Datasheet HTML 3Page - Extech Instruments Corporation. VT30 Datasheet HTML 4Page - Extech Instruments Corporation. VT30 Datasheet HTML 5Page - Extech Instruments Corporation. VT30 Datasheet HTML 6Page - Extech Instruments Corporation. VT30 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VT30 V2.1 10/06
6
Specifications
LCD display
1999 counts (3-1/2 digits) with bargraph and backlight
Resolution
1 Volt
AC Voltage range
0 to 480V
ACV frequency range
50/60Hz
DC Voltage range
0 to 690V
Accuracy
ACV ±(1.5%rdg + 5d); DCV ±(1.0%rdg + 3d)
Range selection
Automatic
Max measuring current
≤1.0mA (400VAC); ≤1.5mA (690VDC)
Response time
Updates 2-3 times/sec
Input Impedance
1MΩ (approx)
Continuity test
Range 0 to 200kΩ, guaranteed on < 50kΩ; <5µA test
current
Overvoltage protection
480VAC/690VDC
Low impedance test
12-250VAC/DC; impedance <6kΩ;
LCD enable input voltage
>4.5V AC/DC
Operation time:
5s<250V AC/DC
Power supply
2 x “AAA” 1.5V alkaline batteries
Battery life
Approx. 8 hours continuous use typical
Operating Temperature
14 to 131
oF (-10 to 55oC)
Storage Temperature
-22 to 140
oF (-30 to 60oC)
Operating Humidity
10 to 85% RH (non-condensing)
Safety
This meter is intended for origin of installation use and
protected, against the users, by double insulation per
EN61243-3 and IEC61243-3 to Category IV 600V and
Category III 1000V; Pollution Degree 2.
Approvals
CE, IP64
Dimensions
9.4 x 3 x 1.6” (240 x 78 x 40mm)
Weight
9.2oz (260g)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com