Electronic Components Datasheet Search
  English  ▼

X  

VT30 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # VT30
Description  LCD Multifunction Voltage Tester
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

VT30 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  VT30 Datasheet HTML 1Page - Extech Instruments Corporation. VT30 Datasheet HTML 2Page - Extech Instruments Corporation. VT30 Datasheet HTML 3Page - Extech Instruments Corporation. VT30 Datasheet HTML 4Page - Extech Instruments Corporation. VT30 Datasheet HTML 5Page - Extech Instruments Corporation. VT30 Datasheet HTML 6Page - Extech Instruments Corporation. VT30 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VT30 V2.1 10/06
3
1
2
3
4
5
6
7
8
9
10
11
Description
1.
Test Probe L1 (-)
2.
Test Probe L2 (+)
3.
Flashlight
4.
LCD display
5.
LED (AC voltage indicator [between 100 to 480V])
6.
LED (low impedance test)
7.
LED (continuity)
8.
Low impedance test button (L2)
9.
Flashlight button
10. Battery cover
11. Low impedance test button (L1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com