Electronic Components Datasheet Search
  English  ▼

X  

BBS-2003 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # BBS-2003
Description  2U High, Compact PC with MainBoard, two PCI slots, 70W P/S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2003 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  BBS-2003 Datasheet HTML 1Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 2Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.boser.com.tw
BBS-2003
2U High, Compact PC with MainBoard, two PCI
slots, 70W P/S
*CPU: VIA Eden 1GHz CPU
*Memory: Two DIMM sockets supports up to 1GB
*Backplane: HPS-3S1 backplane
*PCI Slot: PCI expansion slot x 2
*VGA: Onboard graphics controller
*Ethernet: Onboard 10/100 Based LAN
*Storage:
2.5" HDD spaces x 2
*Serial Port: 2 ports
*USB: USB port x 2
*PC/104: PC/104 connector for 16-bit ISA Bus
*Keyboard/Mouse: PS/2 6-pin Mini DIN
*BIOS: AMI PnP Flash BIOS
*Watchdog Timer: Sets 1/2/10/20/110/220 seconds activity
trigger with Reset or NMI
*Power In: 70W AC or DC power supply
*Thermal Solution: 5cm ball bearing cooling fan x 2
*Temperature: 0~+45
oC (operating); -20~+70oC (storage)
*Dimensions: 29.7(L) x 7.97(H) x 20.59(W) cm
Features
Specifications
2U high, Compact PC system design
Built-in mainboard, VIA Eden 1GHz CPU, 128MB SDRAM,
HPS-3S1 B/P, 70W AC or DC P/S
Onboard graphics, ethernet controller
2 COM, 2 USB, PC/104
PCI expansion slot x 2
2.5" HDD spaces x 2
5cm ball bearing cooling fans x 2
01
01. USB
02. COM 1
03. COM 2
04. Power In
05. ON/OFF
02
03
04
05


Similar Part No. - BBS-2003

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-2003 BOSER-BBS-2003 Datasheet
427Kb / 16P
2U High, Small Box Bare Bone System
BBS-2003 BOSER-BBS-2003_1 Datasheet
427Kb / 16P
2U High, Small Box Bare Bone System
More results

Similar Description - BBS-2003

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-2520 BOSER-BBS-2520 Datasheet
131Kb / 2P
Compact PC with MainBoard, slim CD-ROM, 180W ATX P/S
BPC-6170 BOSER-BPC-6170 Datasheet
1Mb / 28P
15??Industrial Panel PC with MainBoard, four PCI slots, Touch Screen, 300W ATX P/S
BPC-6671 BOSER-BPC-6671 Datasheet
968Kb / 22P
17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6690 BOSER-BPC-6690 Datasheet
213Kb / 1P
19" High Speed Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6690 BOSER-BPC-6690_1 Datasheet
1Mb / 24P
19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
logo
Advantech Co., Ltd.
SYS-2U2000-2S03 ADVANTECH-SYS-2U2000-2S03 Datasheet
565Kb / 2P
2U Rackmount Pentium짰 4 System with 1 ISA and 3 PCI Slots
SYS-2U2000-2S04 ADVANTECH-SYS-2U2000-2S04 Datasheet
417Kb / 2P
2U Rackmount Pentium짰 4 System with Four PCI Slots
SYS-2U2010-2A01 ADVANTECH-SYS-2U2010-2A01 Datasheet
395Kb / 2P
2U Intel짰 Pentium짰 4 2U System with 3 PCI slots
SYS-2U2320-4U01 ADVANTECH-SYS-2U2320-4U01 Datasheet
509Kb / 2P
Intel짰 Core??2 Duo 2U Micro-ATX System with One PCIe x16 & Two PCI Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com