Electronic Components Datasheet Search
  English  ▼

X  

BBS-2003 Datasheet(PDF) 2 Page - BOSER Technology Co., Ltd

Part # BBS-2003
Description  2U High, Compact PC with MainBoard, two PCI slots, 70W P/S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2003 Datasheet(HTML) 2 Page - BOSER Technology Co., Ltd

  BBS-2003 Datasheet HTML 1Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 2Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.boser.com.tw
Ordering Guide
BBS-2003
2U High, Compact PC w/MainBoard(w/1GHz CPU + Fan), 128MB SDRAM, HPS-3S1 B/P, 70W P/S
BBS-2003(DC)
2U High, Compact PC w/MainBoard(w/1GHz CPU + Fan), 128MB SDRAM, HPS-3S1 B/P, 70W DC P/S
Accessory Options:
2.5" HDD
Dimensions
29.7
29.7
7.9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com