Electronic Components Datasheet Search
  English  ▼

X  

BPC-6170 Datasheet(PDF) 7 Page - BOSER Technology Co., Ltd

Part # BPC-6170
Description  15??Industrial Panel PC with MainBoard, four PCI slots, Touch Screen, 300W ATX P/S
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6170 Datasheet(HTML) 7 Page - BOSER Technology Co., Ltd

Back Button BPC-6170 Datasheet HTML 3Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 4Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 11Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1
Chapter 1
General Description
The BPC-6170 is an industrial-grade panel PC that provides
convenient expandability through 4 to 5 32-bit PCI system slots.
The rear design of BPC-6170 enhances the disassembly process
when required. A single drive bay is available for one HDD that can be
easily installed before assembly.
The BPC-6170 has a 15” display and a touch screen that operates
under all types of working environment. It also comes with a reliable
power supply and one 8cm ball bearing cooling fan that enhance
system stability.
The unit can also be mounted in several configurations. A variety of
BOSER SBCs is compatible with the BPC-6170.
The BPC-6170 is IBM PC/AT compatible and can draw
from a large body of hardware and software resources
worldwide
300W power supply with UL, CE, CSA, TUV approved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com