Electronic Components Datasheet Search
  English  ▼

X  

BPC-6170 Datasheet(PDF) 8 Page - BOSER Technology Co., Ltd

Part # BPC-6170
Description  15??Industrial Panel PC with MainBoard, four PCI slots, Touch Screen, 300W ATX P/S
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6170 Datasheet(HTML) 8 Page - BOSER Technology Co., Ltd

Back Button BPC-6170 Datasheet HTML 4Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-6170 Datasheet HTML 12Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2
The user can select the operating system he wants to
use just like an ordinary personal computer. An
operating system such an MS-DOS, Windows can be
selected to suit the application.
The BPC-6170 features an all-in-one flat display.
Keyboard less operations are possible through the use
of a touch screen. In addition to a watchdog timer
indispensable in FA applications.
You can select from a broad range of variations to arrive at the
optimum configuration for your application and budget.
1.1 Major Features
The BPC-6170 series comes with the following features:
Aluminum front panel
15” TFT color panel display
Built-in touch screen, OSD key, HPCI-6S, 300W ATX P/S
Provides Intel® Pentium® 4/Celeron® D/Core™ 2 Duo
Desktop/Pentium® 4/Celeron® D (by M/B)
Onboard graphics, Ethernet controller (by M/B)
Parallel, COM, USB2.0, PCI expansion slot x 4 (by M/B)
3.5” HDD/FDD space x 2, slim CD-ROM space x 2
8cm ball bearing cooling fan x 1
1.2 Specifications
BPC-6170-P
System Board: HS-7004 full-size SBC
CPU: Intel® Pentium® 4/Celeron® D processor in the LGA775 Package
Memory: Two DDRII sockets support max. up to 2GB
Chipset: Intel® 915GV/ICH-6
Backplane: HPCI-6S backplane
PCI Slot: PCI expansion slot x 4
OSD: Provides OSD function
Touch Screen: 15” resistive touch screen
Display: Onboard graphics controller
Ethernet: Onboard Intel® 82562GZ 10/100 Based LAN controller
Storage:
3.5” HDD/FDD space x 2
Slim CD-ROM space x 2
Parallel: Standard parallel port x 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com