Electronic Components Datasheet Search
  English  ▼

X  

EX570 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # EX570
Description  True RMS Multimeter with IR Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX570 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  EX570 Datasheet HTML 1Page - Extech Instruments Corporation. EX570 Datasheet HTML 2Page - Extech Instruments Corporation. EX570 Datasheet HTML 3Page - Extech Instruments Corporation. EX570 Datasheet HTML 4Page - Extech Instruments Corporation. EX570 Datasheet HTML 5Page - Extech Instruments Corporation. EX570 Datasheet HTML 6Page - Extech Instruments Corporation. EX570 Datasheet HTML 7Page - Extech Instruments Corporation. EX570 Datasheet HTML 8Page - Extech Instruments Corporation. EX570 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
EX570-ENG V2.3 3/09
3
CAUTIONS
•
Improper use of this meter can cause damage, shock, injury or death. Read and
understand this user manual before operating the meter.
•
Always remove the test leads before replacing the battery or fuses.
•
Inspect the condition of the test leads and the meter itself for any damage before
operating the meter.
•
Use great care when making measurements if the voltages are greater than 25 VAC
rms or 35 VDC. These voltages are considered a shock hazard.
•
Warning! This is a class A equipment. This equipment can cause interferences in the
living quarters; in this case the operator can be required to carry out adequate
measures.
•
Always discharge capacitors and remove power from the device under test before
performing Diode, Resistance or Continuity tests.
•
Voltage checks on electrical outlets can be difficult and misleading because of the
uncertainty of connection to the recessed electrical contacts. Other means should be
used to ensure that the terminals are not "live".
•
If the equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
•
This device is not a toy and must not reach children’s hands. It contains hazardous
objects as well as small parts that the children could swallow. In case a child
swallows any of them, please contact a physician immediately
•
Do not leave batteries and packing material lying around unattended; they can be
dangerous for children if they use them as toys
•
In case the device is going to be unused for an extended period of time, remove the
batteries to prevent them from draining
•
Expired or damaged batteries can cause cauterization on contact with the skin.
Always, therefore, use suitable hand gloves in such cases
•
See that the batteries are not short-circuited. Do not throw batteries into the fire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com