Electronic Components Datasheet Search
  English  ▼

X  

EX570 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # EX570
Description  True RMS Multimeter with IR Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX570 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  EX570 Datasheet HTML 1Page - Extech Instruments Corporation. EX570 Datasheet HTML 2Page - Extech Instruments Corporation. EX570 Datasheet HTML 3Page - Extech Instruments Corporation. EX570 Datasheet HTML 4Page - Extech Instruments Corporation. EX570 Datasheet HTML 5Page - Extech Instruments Corporation. EX570 Datasheet HTML 6Page - Extech Instruments Corporation. EX570 Datasheet HTML 7Page - Extech Instruments Corporation. EX570 Datasheet HTML 8Page - Extech Instruments Corporation. EX570 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
EX570-ENG V2.3 3/09
4
SAFETY INSTRUCTIONS
This meter has been designed for safe use, but must be operated with caution. The rules
listed below must be carefully followed for safe operation.
1.
NEVER apply voltage or current to the meter that exceeds the specified maximum:
Input Protection Limits
Function
Maximum Input
V DC or V AC
1000 VDC/AC rms
mA AC/DC
500 mA 1000V fast acting fuse
A AC/DC
10A 1000V fast acting fuse (20A for 30 seconds
max every 15 minutes)
Frequency, Resistance, Capacitance,
Duty Cycle, Diode Test, Continuity
1000 VDC/AC rms
Temperature
1000 VDC/AC rms
2.
USE EXTREME CAUTION when working with high voltages.
3.
DO NOT measure voltage if the voltage on the "COM" input jack exceeds 600V above
earth ground.
4.
NEVER connect the meter leads across a voltage source while the function switch is in
the current, resistance, or diode mode. Doing so can damage the meter.
5.
ALWAYS discharge filter capacitors in power supplies and disconnect the power when
making resistance or diode tests.
6.
ALWAYS turn off the power and disconnect the test leads before opening the covers to
replace the fuse or batteries.
7.
NEVER operate the meter unless the back cover and the battery and fuse covers are in
place and fastened securely.
8.
If the equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com