Electronic Components Datasheet Search
  English  ▼

X  

EX623 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # EX623
Description  400Amp True RMS AC/DC Clamp Meter with IR Thermometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX623 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  EX623 Datasheet HTML 1Page - Extech Instruments Corporation. EX623 Datasheet HTML 2Page - Extech Instruments Corporation. EX623 Datasheet HTML 3Page - Extech Instruments Corporation. EX623 Datasheet HTML 4Page - Extech Instruments Corporation. EX623 Datasheet HTML 5Page - Extech Instruments Corporation. EX623 Datasheet HTML 6Page - Extech Instruments Corporation. EX623 Datasheet HTML 7Page - Extech Instruments Corporation. EX623 Datasheet HTML 8Page - Extech Instruments Corporation. EX623 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
EX623 V2.2 07/08
5
Operation
NOTES: Read and understand all Warning and Caution statements in this operation
manual prior to using this meter. Set the function select switch to the OFF position when
the meter is not in use.
Input Shutter
The Input Shutter inhibits simultaneous connection to the thermocouple jacks and the
DMM input jacks. This is a safety feature which prevents a potentially hazardous condition
from existing during high voltage measurements. Slide the shutter up for test lead
measurements or slide it down for thermocouple temperature measurements.
Non-Contact Voltage Detector
WARNING: Risk of Electrocution. Before use, always test the Voltage Detector on a
known live circuit to verify proper operation.
1.
Rotate the Function switch to any measurement
position.
2.
Place the detector probe tip on the conductor to be
tested.
3.
If AC voltage is present, the NCV detector light will
turn on with a steady red light.
NOTE: The conductors in electrical cord sets are often
twisted. For best results, move the probe tip along
a length of the cord to assure placing the tip in
close proximity to the live conductor.
NOTE: The detector is designed with high sensitivity. Static electricity or other sources of
energy may randomly trip the sensor. This is normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com