Electronic Components Datasheet Search
  English  ▼

X  

EX623 Datasheet(PDF) 7 Page - Extech Instruments Corporation.

Part # EX623
Description  400Amp True RMS AC/DC Clamp Meter with IR Thermometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX623 Datasheet(HTML) 7 Page - Extech Instruments Corporation.

Back Button EX623 Datasheet HTML 3Page - Extech Instruments Corporation. EX623 Datasheet HTML 4Page - Extech Instruments Corporation. EX623 Datasheet HTML 5Page - Extech Instruments Corporation. EX623 Datasheet HTML 6Page - Extech Instruments Corporation. EX623 Datasheet HTML 7Page - Extech Instruments Corporation. EX623 Datasheet HTML 8Page - Extech Instruments Corporation. EX623 Datasheet HTML 9Page - Extech Instruments Corporation. EX623 Datasheet HTML 10Page - Extech Instruments Corporation. EX623 Datasheet HTML 11Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
EX623 V2.2 07/08
7
Resistance Measurements
Note: Remove power from the device under test before making resistance measurements
1.
Slide the input shutter to the up position.
2.
Set the function switch to the
Ω position.
3.
Insert the black test lead banana plug into the negative COM jack.
Insert the red test lead banana plug into the positive V jack.
4.
Touch the black test probe tip to one side of the device.
Touch the red test probe tip to the other side of the device.
5.
Read the resistance value in the display.
Continuity Test
1.
Connect as described for resistance measurements.
2.
Press the MODE button to select continuity•) )).
3.
Touch the test probe tips across the circuit or component under test.
4.
If the resistance is < 50
Ω, a tone will sound.
Diode Test
1.
Connect as described for resistance measurements
2.
Press the MODE button to select diode test
.
3.
Touch the test probe tips to the diode or semiconductor junction under test. Note the
meter reading.
4.
Reverse the test lead polarity by reversing the red and black leads. Note this reading.
5.
The diode or junction can be evaluated as follows:
If one reading displays a value (typically 0.400V to 01.800V) and the other
reading displays OL, the diode is good.
If both readings display OL the device is open.
If both readings are very small or ‘0’, the device is shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com