Electronic Components Datasheet Search
  English  ▼

X  

EX810 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # EX810
Description  1000 Amp Clamp Meters with IR Thermometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX810 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  EX810 Datasheet HTML 1Page - Extech Instruments Corporation. EX810 Datasheet HTML 2Page - Extech Instruments Corporation. EX810 Datasheet HTML 3Page - Extech Instruments Corporation. EX810 Datasheet HTML 4Page - Extech Instruments Corporation. EX810 Datasheet HTML 5Page - Extech Instruments Corporation. EX810 Datasheet HTML 6Page - Extech Instruments Corporation. EX810 Datasheet HTML 7Page - Extech Instruments Corporation. EX810 Datasheet HTML 8Page - Extech Instruments Corporation. EX810 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EX800 Series Version 3.2 8/07
5
Specifications
Accuracy
(% of reading + digits)
Function
Range &
Resolution
EX810
EX820
EX830
400.0 AAC
± (2.8% + 8d)
± (2.5% + 8d)
± (2.5% + 8d)
AC Current
50/60 Hz
True RMS on
EX820 & EX830
1000 AAC
± (3.0% + 8d)
± (2.8% + 5d)
± (2.8% + 5d)
400.0 ADC
-----
-----
± (2.5% + 5d)
DC Current
EX830 only
1000 ADC
-----
-----
± (2.8% + 5d)
400.0 mVAC
± (1.5% + 10d)
± (1.0% + 10d)
± (1.0% + 10d)
4.000 VAC
40.00 VAC
400.0 VAC
± (1.8% + 8d)
± (1.5% + 5d)
± (1.5% + 5d)
AC Voltage
50/60Hz
True RMS on
EX820 & EX830
600 VAC
± (2.5% + 8d)
± (2.0% + 5d)
± (2.0% + 5d)
400.0 mVDC
± (0.8% + 2d)
± (0.8% + 2d)
± (0.8% + 2d)
4.000 VDC
40.00 VDC
400.0 VDC
± (1.5% + 2d)
± (1.5% + 2d)
± (1.5% + 2d)
DC Voltage
600 VDC
± (2.0% + 2d)
± (2.0% + 2d)
± (2.0% + 2d)
400.0
Ω
± (1.0% + 4d)
± (1.0% + 4d)
± (1.0% + 4d)
4.000k
Ω
40.000k
Ω
400.0k
Ω
± (1.5% + 2d)
± (1.5% + 2d)
± (1.5% + 2d)
4.000M
Ω
± (2.5% + 3d)
± (2.5% + 3d)
± (2.5% + 3d)
Resistance
40.00M
Ω
± (3.5% + 5d)
± (3.5% + 5d)
± (3.5% + 5d)
4.000nF
± (5.0% + 30d)
± (5.0% + 30d)
± (5.0% + 30d)
40.00nF
± (5.0% + 20d)
± (5.0% + 20d)
± (5.0% + 20d)
400.0nF
4.000µF
40.00µF
± (3.0% + 5d)
± (3.0% + 5d)
± (3.0% + 5d)
400.0µF
± (4.0% + 10d)
± (4.0% + 10d)
± (4.0% + 10d)
4.000mF
± (10% + 10d)
± (10% + 10d)
± (10% + 10d)
Capacitance
40.00mF
unspecified
unspecified
unspecified
4.000kHz
± (1.5% + 2d)
± (1.5% + 2d)
± (1.5% + 2d)
Frequency
Sensitivity: 100V (<50Hz); 50V (50 to 400Hz); 5V (401Hz to 4000Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com