Electronic Components Datasheet Search
  English  ▼

X  

EX810 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # EX810
Description  1000 Amp Clamp Meters with IR Thermometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX810 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button EX810 Datasheet HTML 5Page - Extech Instruments Corporation. EX810 Datasheet HTML 6Page - Extech Instruments Corporation. EX810 Datasheet HTML 7Page - Extech Instruments Corporation. EX810 Datasheet HTML 8Page - Extech Instruments Corporation. EX810 Datasheet HTML 9Page - Extech Instruments Corporation. EX810 Datasheet HTML 10Page - Extech Instruments Corporation. EX810 Datasheet HTML 11Page - Extech Instruments Corporation. EX810 Datasheet HTML 12Page - Extech Instruments Corporation. EX810 Datasheet HTML 13Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EX800 Series Version 3.2 8/07
10
8”
3”
1”
4”
24”
0.5”
(10cm)
(1.25cm)
(20cm)
(2.5cm)
(60cm)
(7.5cm)
Distance to object
Diameter of spot
Non-Contact InfraRed Temperature Measurements
1.
Set the function switch to the IR Temp
position.
2.
Aim the infrared sensor (rear of the meter) at
the surface to be measured.
3.
Press the
button in the center of the rotary
function switch to turn on the laser pointer and
identify the surface spot to be measured.
4.
The area of the surface to be measured must
be larger than the spot size as determined by
the distance to spot size specification.
5.
Read the temperature in the display.
Note: See the “Temperature Units” paragraph to select
oF or oC
WARNING: Do not directly view or direct the laser pointer at
an eye. Low power visible lasers do not normally present a
hazard, but may present some potential for hazard if viewed
directly for extended periods of time.
IR Spot to Distance Diagram
The 8:1 spot to distance ratio determines the size of the measured surface area with
respect to the distance the meter is held away from the surface.
IR Measurement Notes
1.
The object under test should be larger than the spot (target) size calculated by the
field of view diagram.
2.
If the surface of the object under test is covered with frost, oil, grime, etc., clean
before taking measurements.
3.
If an object's surface is highly reflective, apply masking tape or flat black paint to the
surface before measuring.
4.
The meter may not make accurate measurements through transparent surfaces such
as glass.
5.
Steam, dust, smoke, etc. can obscure measurements.
6.
To find a hot spot, aim the meter outside the area of interest then scan across (in an
up and down motion) until the hot spot is located.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com