Electronic Components Datasheet Search
  English  ▼

X  

EX830 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # EX830
Description  1000 Amp Clamp Meters with IR Thermometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX830 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button EX830 Datasheet HTML 4Page - Extech Instruments Corporation. EX830 Datasheet HTML 5Page - Extech Instruments Corporation. EX830 Datasheet HTML 6Page - Extech Instruments Corporation. EX830 Datasheet HTML 7Page - Extech Instruments Corporation. EX830 Datasheet HTML 8Page - Extech Instruments Corporation. EX830 Datasheet HTML 9Page - Extech Instruments Corporation. EX830 Datasheet HTML 10Page - Extech Instruments Corporation. EX830 Datasheet HTML 11Page - Extech Instruments Corporation. EX830 Datasheet HTML 12Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
EX800 Series Version 3.2 8/07
8
Resistance Measurements
Note: Remove power before making resistance measurements
1.
Insert the black test lead into the negative COM terminal and the
red test lead into the
Ω positive terminal.
2.
Set the function switch to the
Ω position.
3.
Touch the test probe tips across the circuit or component under
test.
4.
Read the resistance on the LCD display.
Capacitance Measurements
WARNING: To avoid electric shock, discharge the capacitor under test
before measuring. If “dISC” appears in the display, remove
and discharge the capacitor.
1.
Set the function switch to the
capacitance position.
2.
Insert the black test lead banana plug into the negative COM jack
and the red test lead banana plug into the CAP positive jack.
3.
Press MODE to zero any stray capacitance.
4.
Touch the test probe tips across the part under test.
5.
Read the capacitance value in the display.
6.
The display will indicate the proper decimal point and value.
Note: For very large values of capacitance measurement time can be
several minutes before the final reading stabilizes.
Frequency Measurements
1.
Set the function switch to the V Hz Position.
2.
Press and hold the MODE button to select the Frequency (Hz)
function. “k Hz” will appear in the display.
3.
Insert the black test lead banana plug into the negative COM jack
and the red test lead banana plug into the Hz positive jack.
4.
Touch the test probe tips across the part under test.
5.
Read the Frequency value on the display.
6.
The display will indicate the proper decimal point and value.
7.
Press and hold the MODE button again to return to the voltage mode
Ù
CAP
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com