Electronic Components Datasheet Search
  English  ▼

X  

EX830 Datasheet(PDF) 11 Page - Extech Instruments Corporation.

Part # EX830
Description  1000 Amp Clamp Meters with IR Thermometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX830 Datasheet(HTML) 11 Page - Extech Instruments Corporation.

Back Button EX830 Datasheet HTML 5Page - Extech Instruments Corporation. EX830 Datasheet HTML 6Page - Extech Instruments Corporation. EX830 Datasheet HTML 7Page - Extech Instruments Corporation. EX830 Datasheet HTML 8Page - Extech Instruments Corporation. EX830 Datasheet HTML 9Page - Extech Instruments Corporation. EX830 Datasheet HTML 10Page - Extech Instruments Corporation. EX830 Datasheet HTML 11Page - Extech Instruments Corporation. EX830 Datasheet HTML 12Page - Extech Instruments Corporation. EX830 Datasheet HTML 13Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EX800 Series Version 3.2 8/07
11
Data Hold
To freeze the LCD reading, press the HOLD button. While data hold is active, the HOLD
icon appears on the LCD. Press the HOLD button again to return to normal operation.
Peak Hold
The Peak Hold function captures the peak AC or DC voltage or current. The meter can
capture negative or positive peaks as fast as 1 millisecond in duration.
1.
Turn the function switch to the A or V position.
2.
Use the MODE button to select AC or DC (ADC EX830 only).
3.
Allow time for the display to stabilize.
4.
Press and Hold the PEAK button until “CAL” appears in the display. This procedure
will zero the range selected.
5.
Press the PEAK button, Pmax will display.
6.
The display will update each time a higher positive peak occurs.
7.
Press the PEAK button again, Pmin will display. The display will now update and
indicate the lowest negative peak.
8.
To return to normal operation, press and hold the PEAK button until the Pmin or
Pmax indicator switches off.
Note: If the Function switch position is changed after a calibration the Peak Hold
calibration must be repeated for the new function selected.
MAX/MIN
1.
Press the MAX/MIN key to activate the MAX/MIN recording mode. The display icon
"MAX" will appear. The meter will display and hold the maximum reading and will
update only when a new “max” occurs.
2.
Press the MAX/MIN key and “MIN” will appear The display icon "MIN" will appear.
The meter will display and hold the minimum reading and will update only when a
new “min” occurs
3.
Press the MAX/MIN key and a blinking “MAX MIN” will appear. The meter will display
the present reading, but will continue to update and store the max and min readings.
4.
To exit MAX/MIN mode press and hold the MAX/MIN key for 2 seconds.
Temperature Units (˚F / ˚C)
The temperature units selection switch is located in the battery
compartment. To change the units, remove the battery door, lift
out the battery and set the switch for the desired units.
LCD Backlight Button
The LCD is equipped with backlighting for easier viewing,
especially in dimly lit areas. Press the backlight button to turn the
backlight on. Press again to turn the backlight off.
Automatic Power OFF
In order to conserve battery life, the meter will automatically turn off after approximately 25
minutes. To turn the meter on again, turn the function switch to the OFF position and then
to the desired function position.
Units Switch
F
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com