Electronic Components Datasheet Search
  English  ▼

X  

MP510 Datasheet(PDF) 14 Page - Extech Instruments Corporation.

Part # MP510
Description  MultiPro Digital MultiMeter Series With PC Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MP510 Datasheet(HTML) 14 Page - Extech Instruments Corporation.

Back Button MP510 Datasheet HTML 8Page - Extech Instruments Corporation. MP510 Datasheet HTML 9Page - Extech Instruments Corporation. MP510 Datasheet HTML 10Page - Extech Instruments Corporation. MP510 Datasheet HTML 11Page - Extech Instruments Corporation. MP510 Datasheet HTML 12Page - Extech Instruments Corporation. MP510 Datasheet HTML 13Page - Extech Instruments Corporation. MP510 Datasheet HTML 14Page - Extech Instruments Corporation. MP510 Datasheet HTML 15Page - Extech Instruments Corporation. MP510 Datasheet HTML 16Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
13
MAX/MIN (MP530 only)
1. Press the MAX/MIN key to activate the MAX/MIN recording mode.
The display annunciators "MAX/MIN" will appear. The meter will beep
every time a new maximum or minimum reading is sensed. Auto
power off is disabled while in MAX/MIN mode.
2. Press the MAX/MIN key to cycle through the stored MAX (maximum),
MIN (minimum) and MAX-MIN (maximum minus minimum) readings.
3. To exit MAX/MIN mode press and hold the MAX/MIN key for 2
seconds.
Relative mode (MP530 only)
1. Press the
key once to a store the displayed reading as the
reference value. The display will now show readings relative to the
stored reference value. (display = reading - stored value)
2. Press the Relative key again to exit the Relative mode.
Peak C capture mode (MP530 only)
1. Press the Peak C key momentarily to activate Peak Mode, which
captures voltage or current signal durations as short as 5ms. This
mode is available in DCV, ACV, DCA, & ACA functions (the display
annunciators "C" & "MAX" appear). The Auto Power Off feature will
be disabled automatically in this mode.
2. The meter will beep whenever a new maximum or minimum reading is
detected.
3. Press the Peak key to cycle through the Maximum (MAX), Minimum
(MIN), and Maximum minus Minimum (MAX-MIN) readings.
4. Press the PEAK key for 1 second to exit PEAK capture mode.
Smart Power™ Auto Power Off
Smart
Power™
shuts
the
meter
down
automatically
after
approximately 17 minutes of inactivity. The 17-minute time period is
reset any time the rotary switch is moved or as long as a signal is
being fed into the meter is greater than 10% of the range. This
prevents auto powering off during long term tests. To wake the meter,
press the SELECT key or turn the meter off and on again.
Disabling Auto Power Off
Press the RANGE key while turning the meter on to disable the Auto
Power Off feature
Audible Beeper
The audible beeper can be disabled by pressing the Hz key while
turning the meter on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com