Electronic Components Datasheet Search
  English  ▼

X  

MP510 Datasheet(PDF) 16 Page - Extech Instruments Corporation.

Part # MP510
Description  MultiPro Digital MultiMeter Series With PC Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MP510 Datasheet(HTML) 16 Page - Extech Instruments Corporation.

Back Button MP510 Datasheet HTML 8Page - Extech Instruments Corporation. MP510 Datasheet HTML 9Page - Extech Instruments Corporation. MP510 Datasheet HTML 10Page - Extech Instruments Corporation. MP510 Datasheet HTML 11Page - Extech Instruments Corporation. MP510 Datasheet HTML 12Page - Extech Instruments Corporation. MP510 Datasheet HTML 13Page - Extech Instruments Corporation. MP510 Datasheet HTML 14Page - Extech Instruments Corporation. MP510 Datasheet HTML 15Page - Extech Instruments Corporation. MP510 Datasheet HTML 16Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
15
Battery Replacement
Loosen the 2 screws from the battery access door of the case bottom. Lift
the battery access door and thus the battery compartment up. Replace
the battery. Re-fasten the screws.
Battery: Standard 9V Alkaline (NEDA1604, JIS006P, IEC6F22)
Fuse Replacement
1. Remove the four screws from the case bottom and stand using a
Philips head screwdriver.
2. Lift the end of the case bottom nearest the input jacks until it unsnaps
from the case top
3. Replace the battery or blown fuse(s)
4. Replace the case bottom, and ensure that all the gaskets are properly
seated and that the two snaps on the case top (near the display side)
are engaged
5. Re-fasten the screws.
Fuses:
FS1 (µA/mA Range): 0.5/0.63 ampere F, fast acting ceramic.
Preferred: Ferraz C084205 (0.63A)
Acceptable: Bussmann ABC-1/2 (0.5A)
FS2 (A Range): 12 ampere F, fast acting ceramic.
Preferred: Ferraz D085448 (12.5A)
Acceptable: Bussmann ABC-12 (12A)
A fuse kit, Extech P/N FS880, is available that contains one each of the
Ferraz fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com