Electronic Components Datasheet Search
  English  ▼

X  

RF20 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # RF20
Description  Portable Salinity Refractometer with ATC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RF20 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  RF20 Datasheet HTML 1Page - Extech Instruments Corporation. RF20 Datasheet HTML 2Page - Extech Instruments Corporation. RF20 Datasheet HTML 3Page - Extech Instruments Corporation. RF20 Datasheet HTML 4Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF20 Version 1.1 September 2003
2
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in parts and
workmanship for one year from date of shipment (a six month limited warranty applies on sensors and
cables). If it should become necessary to return the instrument for service during or beyond the warranty
period, contact the Customer Service Department at (781) 890-7440 ext. 210 for authorization or visit our
website at www.extech.com (click on ‘Contact Extech’ and go to ‘Service Department’ to request an RA
number). A Return Authorization (RA) number must be issued before any product is returned to Extech. The
sender is responsible for shipping charges, freight, insurance and proper packaging to prevent damage in
transit. This warranty does not apply to defects resulting from action of the user such as misuse, improper
wiring, operation outside of specification, improper maintenance or repair, or unauthorized modification.
Extech specifically disclaims any implied warranties or merchantability or fitness for a specific purpose and
will not be liable for any direct, indirect, incidental or consequential damages. Extech's total liability is limited
to repair or replacement of the product. The warranty set forth above is inclusive and no other warranty,
whether written or oral, is expressed or implied.
Specifications
Scale
Range
Resolution
Parts Per Thousand
0 to 100
0/00
1
0/00
Specific Gravity
1.000 to 1.070 d
20/20
0.001 d
20/20
Dimensions
7.6 x 1.5 x 1.5" (194 x 38 x 38mm)
Weight
Approx. 8.0 oz. (227g)
Description
1. Prism
2. Cover Plate
3. Adjustment Screw
4. Mirror Tube
5. Eyepiece
1
2
3
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com