Electronic Components Datasheet Search
  English  ▼

X  

RF20 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # RF20
Description  Portable Salinity Refractometer with ATC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RF20 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  RF20 Datasheet HTML 1Page - Extech Instruments Corporation. RF20 Datasheet HTML 2Page - Extech Instruments Corporation. RF20 Datasheet HTML 3Page - Extech Instruments Corporation. RF20 Datasheet HTML 4Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RF20 Version 1.1 September 2003
3
Operation
The instrument measures the refractive index of the sample and displays the result in parts
per thousand (
0/00 ) and specific gravity (d 20/20).
1. Zero Adjustment
Put distilled water on the prism; enough to cover the entire prism. Close the cover plate
and rotate the adjusting screw so that the light/dark boundary line (known as the
shadow-line) evens up with the zero line. After the zero adjustment, clean the prism with
soft cloth.
2. Sample Preparation and Reading
To take a reading, place a few drops of a sample liquid on the measurement prism.
Ensure that enough solution is added to the prism in order to cover the entire prism.
Close the prism so that the liquid spreads across the entire surface of the prism without
air bubbles or dry spots (see diagrams below). Allow the sample to remain on the prism
for approximately 30 seconds.
While holding the instrument under a light
source, look through the eyepiece. The
salinity concentration is determined by the
intersection of the boundary of the light
and dark fields (known as the shadow-
line) on the printed scale. The left side of
the scale indicates the specific gravity and
the right side parts per thousand. If the
scale appears out of focus, the eyepiece
may be adjusted by rotating the knurled
portion. The instrument also features an
eye guard to prevent stray light from
entering
the
eyepiece
and
causing
reflections.
It may be necessary to adjust the position of the light source to maximize the contrast of
the shadow-line. Under normal conditions, optimal contrast is obtained by holding the
instrument underneath and perpendicular to a light source.
Once a reading has been taken, wipe dry with a clean cloth (do not wash or rinse) and
place the instrument in the supplied plastic case. Store the instrument in a safe, dry
environment.
Temperature is the single most important factor influencing refractometer readings and
is one of the largest sources of measurement error. However, this device incorporates
automatic temperature compensation and the concern for temperature fluctuations in
sample liquids is alleviated. When ambient temperature varies from 68°F (20°C),
readings are automatically adjusted to compensate for temperature variance between
50°F to 86°F (10°C to 30°C).
Bad
Bad
Good



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com