Electronic Components Datasheet Search
  English  ▼

X  

RH401 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # RH401
Description  Digital Psychrometer IR Thermometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RH401 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  RH401 Datasheet HTML 1Page - Extech Instruments Corporation. RH401 Datasheet HTML 2Page - Extech Instruments Corporation. RH401 Datasheet HTML 3Page - Extech Instruments Corporation. RH401 Datasheet HTML 4Page - Extech Instruments Corporation. RH401 Datasheet HTML 5Page - Extech Instruments Corporation. RH401 Datasheet HTML 6Page - Extech Instruments Corporation. RH401 Datasheet HTML 7Page - Extech Instruments Corporation. RH401 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RH401 V1.5 8/08
2
C
%
Humi
DP
Wb
1
2
3
5
4
6
7
8
9
10
11
12
13
15
14
Introduction
Congratulations on your purchase of the Extech RH401 Digital Psychrometer + InfraRed
Thermometer. This device measures Humidity, Air Temperature, Dew Point and Wet Bulb.
Advanced features include Infrared Non-Contact Surface Temperature Measurement, Data
Hold and programmable Auto Power Off, and an RS-232 interface for capturing readings to
a PC using optional 407752 software. The retractable probe protects the sensors when the
meter is not in use. Careful use of this meter will provide years of reliable service.
Meter Description
1.
Emissivity adjust indicator
2.
Laser pointer on indicator
3.
Low Battery indicator
4.
IR Surface Temperature button
5.
ON/OFF/Setup button
6.
Back Light button
7.
Laser/Down button
8.
°F/°C/Up button
9.
Dew Point/Wet Bulb button
10. % Humidity display
11. Air Temperature, Dew Point or Wet Bulb display
12. IR Surface Temperature display
13. Extended probe with Humidity &
Air Temperature Sensors
14. PC interface port
15. AC adaptor jack
Note: The battery compartment is located on the rear of the instrument
Warranty
EXTECH INSTRUMENTS CORPORATION
(A FLIR COMPANY) warrants this instrument to
be free of defects in parts and workmanship for one year from date of shipment (a six
month limited warranty applies to sensors and cables). If it should become necessary to
return the instrument for service during or beyond the warranty period, contact the
Customer Service Department at (781) 890-7440 ext. 210 for authorization or visit our
website www.extech.com for contact information. A Return Authorization (RA) number
must be issued before any product is returned to Extech. The sender is responsible for
shipping charges, freight, insurance and proper packaging to prevent damage in transit.
This warranty does not apply to defects resulting from action of the user such as misuse,
improper wiring, operation outside of specification, improper maintenance or repair, or
unauthorized modification. Extech specifically disclaims any implied warranties or
merchantability or fitness for a specific purpose and will not be liable for any direct, indirect,
incidental or consequential damages. Extech's total liability is limited to repair or
replacement of the product. The warranty set forth above is inclusive and no other
warranty, whether written or oral, is expressed or implied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com