Electronic Components Datasheet Search
  English  ▼

X  

RH401 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # RH401
Description  Digital Psychrometer IR Thermometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RH401 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  RH401 Datasheet HTML 1Page - Extech Instruments Corporation. RH401 Datasheet HTML 2Page - Extech Instruments Corporation. RH401 Datasheet HTML 3Page - Extech Instruments Corporation. RH401 Datasheet HTML 4Page - Extech Instruments Corporation. RH401 Datasheet HTML 5Page - Extech Instruments Corporation. RH401 Datasheet HTML 6Page - Extech Instruments Corporation. RH401 Datasheet HTML 7Page - Extech Instruments Corporation. RH401 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RH401 V1.5 8/08
4
IR Emissivity Adjustment
Emissivity is adjustable from 0.3 to 0.99. The default value is 0.95 which is the typical
emissivity value of many non-metallic surfaces. If the surface to be measured is highly
reflective and the emissivity is not known, cover the surface with paint or tape to improve
measurement accuracy. If the emissivity of the surface is known, follow this procedure to
set the value.
1. With the meter on, Press the
key twice to enter the Emissivity setting procedure.
will flash on the top left side of the display.
2. Use the
up key and the
down key to adjust the value.
3. When the desired setting appears in the display, press
again to save and return
back to normal operation.
Emissivity Factors for Common Materials
Material under test
Emissivity
Material under test
Emissivity
Asphalt
0.90 to 0.98
Cloth (black)
0.98
Concrete
0.94
Skin (human)
0.98
Cement
0.96
Lather
0.75 to 0.80
Sand
0.90
Charcoal (powder)
0.96
Soil
0.92 to 0.96
Lacquer
0.80 to 0.95
Water
0.92 to 0.96
Lacquer (matt)
0.97
Ice
0.96 to 0.98
Rubber (black)
0.94
Snow
0.83
Plastic
0.85 to 0.95
Glass
0.90 to 0.95
Timber
0.90
Ceramic
0.90 to 0.94
Paper
0.70 to 0.94
Marble
0.94
Chromium Oxides
0.81
Plaster
0.80 to 0.90
Copper Oxides
0.78
Mortar
0.89 to 0.91
Iron Oxides
0.78 to 0.82
Brick
0.93 to 0.96
Textiles
0.90
Spot to Distance Ratio
The 8:1 spot to distance ratio determines the size of the measured surface area with
respect to the distance the meter is held away from the surface.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com