Electronic Components Datasheet Search
  English  ▼

X  

CE05 Datasheet(PDF) 3 Page - DDK Ltd.

Part # CE05
Description  Waterproof Circular Connectors Conforming to European Safety Standards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE05 Datasheet(HTML) 3 Page - DDK Ltd.

  CE05 Datasheet HTML 1Page - DDK Ltd. CE05 Datasheet HTML 2Page - DDK Ltd. CE05 Datasheet HTML 3Page - DDK Ltd. CE05 Datasheet HTML 4Page - DDK Ltd. CE05 Datasheet HTML 5Page - DDK Ltd. CE05 Datasheet HTML 6Page - DDK Ltd. CE05 Datasheet HTML 7Page - DDK Ltd. CE05 Datasheet HTML 8Page - DDK Ltd. CE05 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE05 Series
3
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ Insert Arrangement
Number of Contact
3
4
4
6
Insert No.
10SL-3
14S-2
18-10
18-12
Insert
Arrangement
Reverse Contact
n/a
n/a
Available
n/a
Contact Size
# 16
# 16
# 12
# 16
Ground Contact
C
D
D
D
Rated Voltage
AC200V(r.m.s.)
AC200V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
Dielectric
Withstanding Voltage
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC3,000V(r.m.s.)
AC2,000V(r.m.s.)
Current Capacity
13A (29.2A)
13A (35.3A)
23A (62.5A)
13A (73.6A)
TÜV Certificate No.
R50082122
R50082122
R50082065
R50082122
Number of Contact
4
7
3 / 6
4
Insert No.
20-4
20-15
20-18
22-22
Insert
Arrangement
Reverse Contact
n/a
Available
n/a
Available
Contact Size
# 12
# 12
# 12 # 16
# 8
Ground Contact
D
D
D , E
D
Rated Voltage
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
Dielectric
Withstanding Voltage
AC2,800V(r.m.s.)
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC3,000V(r.m.s.)
Current Capacity
23A (62.5A)
23A (83.7A)
#12 : 23A
#16 : 13A(67.6A)
46A (125.1A)
TÜV Certificate No.
R50082065
R50082065
R50082065
R50082069
Number of Contact
8
7
7
3 / 6
4
Insert No.
22-23
24-10(D)
24-10(G)
24-11
32-17
Insert
Arrangement
Reverse Contact
Available
n/a
n/a
n/a
Available
Contact Size
# 12
# 8
# 8
# 8 # 12
# 4
Ground Contact
D
D
G
G , H
D
Rated Voltage
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
Dielectric
Withstanding Voltage
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC2,800V(r.m.s.)
Current Capacity
23A (90.1A)
46A (167.4A)
46A (167.4A)
# 8 : 46A
#12 : 23A(126.4A)
80A (217.6A)
TÜV Certificate No.
R50082065
R50082069
R50082069
R50082069
R50082124
A
B
C
A
B
C
D
E
F
G
A
B
C
D
E
F
G
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
I
A
B
C
D
A
B
C
D
E
F
G
H
I
A
B
C
D
A
B
C
D
E
F
G
H
A
B
C
D
A
B
C
D
A
B
C
D
E
F
A
B
C
D
* Front view of pin contact and standard key position
* The sign " ● " stands for the ground contact.
* Current capacity shows the maximum permitted current per contact.
  Values in parenthesis show the total current capacities in each one of respective connectors.
* n/a stands for ''not available''.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com