Electronic Components Datasheet Search
  English  ▼

X  

CE05 Datasheet(PDF) 1 Page - DDK Ltd.

Part # CE05
Description  Waterproof Circular Connectors Conforming to European Safety Standards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE05 Datasheet(HTML) 1 Page - DDK Ltd.

  CE05 Datasheet HTML 1Page - DDK Ltd. CE05 Datasheet HTML 2Page - DDK Ltd. CE05 Datasheet HTML 3Page - DDK Ltd. CE05 Datasheet HTML 4Page - DDK Ltd. CE05 Datasheet HTML 5Page - DDK Ltd. CE05 Datasheet HTML 6Page - DDK Ltd. CE05 Datasheet HTML 7Page - DDK Ltd. CE05 Datasheet HTML 8Page - DDK Ltd. CE05 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
The industrial machinery including the machine tools which
is exported to Europe has to conform with European safety
standards since January, 1995. The CE05 series connectors,
which offer full compatibility with MIL-C-5015, D/MS and
CE02 series connectors, were developed to comply with this
demand.
CE05 Series 
Waterproof Circular Connectors Conforming to
European Safety Standards
090703
Wa t e r p r o o f
IP 67
Safety
Standard
TÜV, UL
Lock Type
Threaded
Coupling
●UL
CE05 has been approved by UL (Underwriters Laboratories Inc.) in the USA who is an independent product safety
certification organization
Ground Contact
Ground Contact
Socket Contact
Pin Contact
⇦
Receptacle Connector
Plug Connector
◆ OUTLINE
◆ FEATURES
● First Make ‒Last Break Ground Contact to Protect Circuit
Connectors have a premating ground contact having conductivity with the shell to protect a circuit.
The premating contact will mate with the mating half contact first on mating the connectors and will unmate last
on unmating the connectors. The connectors provide a path for any stray voltage to be shunted to a safe ground
avoiding harm to the operator and the voltage sensitive equipment.
MIL-DTL-5015
Conforming
Standard
● European Safety Standard
CE05 series fully conforms with the connector standard of EN61984 (DIN VDE0627) which is in accordance with
European standard of EN60204-1 for the safety of machinery and electrical equipment for machines. Our products
have been approved by TÜV Rheinland.
Rated Current
Contact Size
# 16 # 12 # 8
# 4
Maximum Rating
per Contact
13A
23A
46A
80A
Rated Voltage
2000V ∼ 3000V AC(r.m.s.) at 1minute
Insulation Resistance
5000M Ω (Min.) at 500V DC
Operating Temperature
-55℃ to 125℃
Waterproof Rating
IP67
Contact
Applicable Cable Size
Size
Minimum
Bore of
Solder Cup
AWG Size
Nominal
Sectional
Area
Maximum
Conductor Dia.
# 16
φ 1.76
# 22 ∼# 16
1.25mm
2
1.6mm
# 12
φ 2.70
# 14 ∼# 12
3.50mm
2
2.5mm
# 8
φ 4.70
# 10 ∼# 8
8.00mm
2
4.5mm
# 4
φ 7.50
# 8 ∼# 6
22.00mm
2
7.0mm
◆ SPECIFICATIONS
◆ APPLICABLE CABLE SIZE
Item
Material / Finish
Contact
Copper Alloy / Silver Plating
2A Style Pin Front Insert
Synthetic Rubber / Black
2A Style Pin Rear Insert
Synthetic Resin / Black
2A Style Socket Insert
Synthetic Resin / Black
6A Style Socket Insert
Synthetic Resin / Black
6A Style Pin Insert
Synthetic Resin / Black
Shell
Aluminum Alloy
/ Zinc Plating, Black Trivalent Chromium Treatment
Coupling Ring
Aluminum Alloy
/ Zinc Plating, Black Trivalent Chromium Treatment
Retaining Ring
Copper Alloy / Nickel Plating
Earth Rag
Copper Alloy / Silver Plating
Gasket
Synthetic Resin / Black
RoHS
Compliant
RoHS
Compliant
◆ MATERIAL / FINISH
Certification
Organization
Safety Standard
Certificatie
Number
TÜV
DIN VDE 0627〈EN61984〉 Refer to page 3
UL
UL 1977
E72124
● Water/Oil/Dust Structure ‒ Class IP67 Protection
Class IP67 protection in the mated condition. CE05-2A receptacle connectors are IP67 rated in the
unmated condition since these connectors have the pin contacts in the rubber inserts.


Similar Part No. - CE05

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05-10SLBS-S-D DDK-CE05-10SLBS-S-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
CE05-14SBS-S-D DDK-CE05-14SBS-S-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
CE05-18BS-S-D DDK-CE05-18BS-S-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
CE05-20BS-S-D DDK-CE05-20BS-S-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
CE05-22BS-S-D DDK-CE05-22BS-S-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
More results

Similar Description - CE05

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
Waterproof Circular Connectors
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
logo
DDK Ltd.
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
Waterproof Circular Connectors
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
Compact, Slim Relays Conforming to EN Standards
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
Circular Connectors Conforming to JIS C 5432
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com