Electronic Components Datasheet Search
  English  ▼

X  

SL130 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # SL130
Description  Sound Level Alert
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SL130 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  SL130 Datasheet HTML 1Page - Extech Instruments Corporation. SL130 Datasheet HTML 2Page - Extech Instruments Corporation. SL130 Datasheet HTML 3Page - Extech Instruments Corporation. SL130 Datasheet HTML 4Page - Extech Instruments Corporation. SL130 Datasheet HTML 5Page - Extech Instruments Corporation. SL130 Datasheet HTML 6Page - Extech Instruments Corporation. SL130 Datasheet HTML 7Page - Extech Instruments Corporation. SL130 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Version 3.2 8/07
2
Introduction
Congratulations on your purchase of the Extech SL130 Sound Level Alert. Designed for
wall mount, desk, tripod mount or hand held operation, this meter meets ANSI and IEC
Type 2 Sound Level Meter standards. Included is a High/Low Limit Set Point with 4 two
color high intensity LED limit exceed indicators and a large OVER indication when the set
level is exceeded. An Alarm Output can be used in conjunction with the optional Alarm
Module Kit to power a larger or a remote indicating device such as a “QUIET” sign.
Professional features include programmable A/C Weighting and Fast/Slow Response time,
Max Memory with time stamp, and a Clock display. The microphone can be rotated 180
degrees to accommodate any meter location or it can be placed at a remote location using
the optional Remote Microphone Cable. A programmable ON/OFF time extends battery life
to 30 days when programmed 8 hours per day. The bright LED’s are functional only when
the AC power adaptor is used. Careful use of this meter will provide years of reliable
service.
Specifications
Applicable standards
Meets IEC 60651-1979 and ANSI S1.4 1983 Type 2
SLM standards
Display
11.7 x 7.94cm (4.6” x 3.125”) multifunction LCD
Frequency bandwidth
31.5 Hz to 8 KHz
Microphone
0.5” Electret Condensor Microphone (remoteable)
Measurement ranges
30 to 80dB, 60 to 110dB, 80 to 130dB
Frequency weighting
‘A’ and ‘C’
Response time
Fast (125ms) / Slow (1s)
Resolution
0.1dB
Max Hold
Maximum reading is displayed with time stamp
Alarm output
3.5mm Mono Phone Plug, 3.4mA @ 5 Vdc, typical
Limit range
30 to 130dB
Under range indication
“- - -“
Over range indication
“OL”
Power
AC adaptor (9V@500ma) or 8 AA batteries
Battery life
240hrs continuous (approx); 30 days @ 8hrs/day
(LED’s are not functional when battery powered)
Operating temperature
0 to 50
oC (32 to 122oF)
Operating humidity
Less than 80% RH
Dimensions / Weight
22x18x3.2cm / 285g (8.75x7.1x1.25" / 0.63 lbs).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com