Electronic Components Datasheet Search
  English  ▼

X  

SL130 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # SL130
Description  Sound Level Alert
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SL130 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  SL130 Datasheet HTML 1Page - Extech Instruments Corporation. SL130 Datasheet HTML 2Page - Extech Instruments Corporation. SL130 Datasheet HTML 3Page - Extech Instruments Corporation. SL130 Datasheet HTML 4Page - Extech Instruments Corporation. SL130 Datasheet HTML 5Page - Extech Instruments Corporation. SL130 Datasheet HTML 6Page - Extech Instruments Corporation. SL130 Datasheet HTML 7Page - Extech Instruments Corporation. SL130 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Version 3.2 8/07
4
Sound Level Monitor Operation
Measurement Considerations
1. Use a windscreen to cover the microphone in windy conditions.
2. Calibrate the meter often, especially if the meter has been idle for a long period of time.
3. Do not store/operate the meter in areas of high temperature or humidity.
4. Keep the meter and the microphone dry.
5. Avoid severe vibration when using the meter.
6. Remove the battery when the meter will be stored for long periods of time.
Initial Configuration
1. Connect the AC adaptor to the side or rear AC adaptor connector
OR Install 8 AA batteries
2. Setting the TIME
a)
Press and Hold the Time SET button until the hours display
begins to flash.
b)
Press the Time up arrow button until the hour is set.
c)
Press the SET button. The minutes display will flash. Adjust as needed.
d)
Press the SET button to step through and the arrow button to adjust;
Time of day
Hour
Time of day
Minutes
Time of day
AM / PM / 24 Hour
Year
Month
Day
Auto ON
Hour
Auto ON
Minutes
Auto OFF Hour
Auto OFF Minute
A/C Frequency Weighting
Change the Frequency Weighting by pressing the
'A/C' button. The 'A' or 'C' icon will
appear on the display.
With ‘A’ weighting selected, the frequency response of the meter is similar to the response
of the human ear. ‘A’ weighting is commonly used for environmental or hearing
conservation programs such as OSHA regulatory testing and noise ordinance law
enforcement. ‘C’ weighting is a much flatter response and is suitable for the sound level
analysis of machines, engines, etc.
Most noise measurements are performed using 'A' Weighting and SLOW Response.
Slow/ Fast Response
Press the
button to select Fast or Slow response as desired. F or S will appear in the
bottom of the LCD display.
Select FAST to capture noise peaks and noises that occur very quickly. Select the SLOW
response to monitor a sound source that has a consistent noise level or to average quickly
changing levels.
Select Slow response for most applications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com