Electronic Components Datasheet Search
  English  ▼

X  

CM02 Datasheet(PDF) 5 Page - DDK Ltd.

Part # CM02
Description  DeviceNet Micro-Style Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM02 Datasheet(HTML) 5 Page - DDK Ltd.

  CM02 Datasheet HTML 1Page - DDK Ltd. CM02 Datasheet HTML 2Page - DDK Ltd. CM02 Datasheet HTML 3Page - DDK Ltd. CM02 Datasheet HTML 4Page - DDK Ltd. CM02 Datasheet HTML 5Page - DDK Ltd. CM02 Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Unit:mm
http://www.ddknet.co.jp
CM02 Series
5
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ T Tap
○ Terminating Resistor With Pin Contacts
○ Terminating Resistor With Socket Contacts
○ Receptacle with Plastic Shell and Pin Contacts, Type 1
P/N : CM02-8D2TA5-CF
Plug
(Socket)
Plug
(Socket)
Jack
(Pin)
JAPAN
10.2
23.6
17
φ4.5
15
18.4
2.5
2.5
φ7.8
P/N : CM02B-8DER5P
1
2
3
4
5
NC
NC
NC
121Ω
M12×1 Thread
43
P/N:CM02B-8DER5S
1
2
3
4
5
NC
NC
NC
121Ω
40
M12×1 Thread
P/N : CM02-8DR5P-CF
17
1
2
3
4
φ14
+0.
1
0
Mounting Hole
M12×1 Thread
3 Max.
(Panel Thickness)
23
M14×0.75 Thread
○ Receptacle with Plastic Shell and Pin Contacts, Type 2
P/N : CM02-8DR5P-CF(D5)
Mounting Hole
1
2
3
4
M121 Thread
φ14
+0.
1
0
3 Max.
19.4
φ19.6
(2.7)
17
(Panel Thickness)
M140.75 Thread
Wiring Diagram
Wiring Diagram
・P C B Contacts
・Rear-mount configuration
・Applicable wire size : AWG22 max.
・P C B Contacts
・Rear-mount configuration
・Applicable wire size : AWG22 max.
・Terminated between No. 4 and No. 5 with resistor, 121 ohm,1/4 watt.
・Terminated between No. 4 and No. 5 with resistor, 121 ohm,1/4 watt.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com