Electronic Components Datasheet Search
  English  ▼

X  

CM02 Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM02
Description  DeviceNet Micro-Style Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM02 Datasheet(HTML) 1 Page - DDK Ltd.

  CM02 Datasheet HTML 1Page - DDK Ltd. CM02 Datasheet HTML 2Page - DDK Ltd. CM02 Datasheet HTML 3Page - DDK Ltd. CM02 Datasheet HTML 4Page - DDK Ltd. CM02 Datasheet HTML 5Page - DDK Ltd. CM02 Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
 The CM02 series is a Micro-style connector for
use in a DeviceNet communication network.
These products provide connections between
simple industrial devices such as sensor,
actuators and higher-level devices such as controllers.
This connector system is also recommended for
CCLink network and can be used in harsh environmental
conditions, having IP67 rated for protection against moisture, oil and dust.
・Crimp termination for the cable mount plugs and jacks
・Receptacle : Soldering
・Protection from wiring errors by color-coding the contact holder with red, white, blue and black 
・Available style are cable mount plug with socket contacts, cable mount jack with pin contacts, T tap, panel mount
receptacle with pin contacts, panel mount plug receptacle with socket contacts, terminating resistor and dust cap
CM02 Series
DeviceNet Micro-Style Connectors
Rated Current  
3A/contact
Rated Voltage
24V DC 
Dielectric Withstanding Voltage
500V AC(r.m.s) for 1 minute
Insulation Resistance
1000M Ω min. at 250V DC
Operating Temperature Range
- 40℃ to +85℃
Waterproof
IP67 when mated
No. of Contacts
5
AL / MY Shield
Jacket
Braid Shield
Data Insulation
Color:White
Drain Wire
DC Power Insulation
Color:Black
AL / MY Shield
Data Insulation
Color:Blue
DC Power Insulation
Color:Red
Conductor
DataInsulationColors:Blue&Yellow
GroundInsulationColor:White
AL / MY Shield
Braid Shield
Jacket
Drain Wire
DeviceNet Thick Cable
CC-Link Cable
Waterproof
IP 67
DeviceNet
Conforming
Standard
Lock Type
Threaded
Coupling
090206
Physical Configuration of Cables For Example
◆ OUTLINE
◆ FEATURES
◆ SPECIFICATIONS


Similar Part No. - CM02

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM02 CHAMP-CM02 Datasheet
190Kb / 8P
Magic Switch
logo
DDK Ltd.
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
DeviceNet Micro-Style Connectors
CM02-8DP4SD(D1)-FG DDK-CM02-8DP4SD(D1)-FG Datasheet
751Kb / 5P
M12 Sized & Sealed Circular Connector
CM02-8DP4SDD1-FG DDK-CM02-8DP4SDD1-FG Datasheet
311Kb / 5P
M12 Sized & Sealed Circular Connector
CM02-8DP5SD(D1)-FG DDK-CM02-8DP5SD(D1)-FG Datasheet
797Kb / 6P
DeviceNet Micro-Style Connectors
More results

Similar Description - CM02

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02B DDK-CM02B Datasheet
216Kb / 3P
DeviceNet Micro-Style Connectors
CM03A DDK-CM03A Datasheet
292Kb / 5P
DeviceNet Mini-style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
DeviceNet Mini-Style Connectors
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
DeviceNet Mini-style Connectors
CM02BA-8DP5S-010 DDK-CM02BA-8DP5S-010 Datasheet
731Kb / 3P
DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
DeviceNet Micro-Style Connectors
CM03-P4S DDK-CM03-P4S Datasheet
214Kb / 3P
DeviceNet Mini-Style Connectors
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
DeviceNet Mini-Style Connectors
logo
Molex Electronics Ltd.
1300390336 MOLEX-1300390336 Datasheet
45Kb / 2P
DeviceNet Micro-Change (M12) Pass-Through 4 Port
03/11/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com