Electronic Components Datasheet Search
  English  ▼

X  

VT10 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # VT10
Description  Multifunction Voltage Tester
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

VT10 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  VT10 Datasheet HTML 1Page - Extech Instruments Corporation. VT10 Datasheet HTML 2Page - Extech Instruments Corporation. VT10 Datasheet HTML 3Page - Extech Instruments Corporation. VT10 Datasheet HTML 4Page - Extech Instruments Corporation. VT10 Datasheet HTML 5Page - Extech Instruments Corporation. VT10 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VT10 V2.0 08/06
2
Introduction
Congratulations on your purchase of the Extech VT10 Multifunction Voltage Tester. The
VT10 measures AC Voltage to 600V and DC Voltage to 400V with LED indicators, and
LEDs for positive and negative polarity. Additional features include audible continuity
beeper, low impedance mode for eliminating phantom voltages, and a built-in flashlight
to illuminate test connections during measurements. This meter is shipped fully tested
and with proper use will provide years of reliable service.
Safety
International Safety Symbols
This symbol, adjacent to another symbol or terminal, indicates the user
must refer to the manual for further information.
This symbol, adjacent to a terminal, indicates that, under normal use,
hazardous voltages may be present
Double insulation
Safety Precautions
1.
Improper use of this meter can cause damage, shock, injury or death. Read and
understand this manual before use.
2.
Ensure that any covers or battery doors are properly closed and secured before use.
3.
Inspect the condition of the test leads and the meter itself for any damage before
use.
4.
Do not exceed the rated input limits.
5.
Use great care when taking measurements greater than 25VAC rms or 35VDC.
These voltages are considered a shock hazard.
6.
Discharge capacitors and remove power from the DUT before Continuity tests.
7.
Remove the batteries from the meter if the meter is to be stored for long periods.
8.
Voltage measurement results on electrical outlets can be misleading because of the
difficulty in making a proper connection to the electrical contacts.
9.
NEVER
apply voltage to the meter that exceeds the specified maximum:
Input Protection Limits
Function
Maximum Input
VAC, VDC,
Continuity
600VAC: 30 second max
400VDC: 30 second max
10.
USE EXTREME CAUTION
when working with high voltages.
11.
ALWAYS
discharge filter capacitors in power supplies and disconnect the power
when making continuity tests.
12.
ALWAYS
disconnect the test leads before opening the cover to replace the battery.
13.
NEVER
operate the meter unless the battery cover is in place and fastened
securely.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com