Electronic Components Datasheet Search
  English  ▼

X  

VT10 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # VT10
Description  Multifunction Voltage Tester
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

VT10 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  VT10 Datasheet HTML 1Page - Extech Instruments Corporation. VT10 Datasheet HTML 2Page - Extech Instruments Corporation. VT10 Datasheet HTML 3Page - Extech Instruments Corporation. VT10 Datasheet HTML 4Page - Extech Instruments Corporation. VT10 Datasheet HTML 5Page - Extech Instruments Corporation. VT10 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VT10 V2.0 08/06
4
Operation
Always test the meter on a known live circuit before taking measurements
Voltage Measurement
1.
Note: The voltage tester will turn on automatically when voltages
higher than 4.5V AC/DC are detected.
2.
Touch the positive (+) and negative (-) test leads to the device or
circuit under test.
3.
If the voltage is higher than 4.5V AC/DC, the voltage level LEDs will
light and display the reading.
4.
For AC voltages, the
LED and the “AC” LED will light in the display.
For DC voltages, the “DC” LED will light and the “+V” or “-V“ LED will
light to indicate polarity.
Note: The measurement time should not exceed 30 seconds. After 30
seconds the meter should be allowed to cool for 10 minutes.
Single Lead AC Voltage Detection
To check for the presence of voltage (between 100V and 600V) using
only the positive test lead (+), touch the lead to the device or circuit
under test. If voltage is present, the
LEDs will light.
Note
: In this mode, the actual voltage is not displayed; only the
presence of voltage is detected.
Low Impedance Voltage Measurement
Due to the lowered internal impedance, capacitive voltage is
suppressed so that the reading shows the actual voltage
applied. This can be used to quickly identify phantom voltages.
1.
Hold the two test tips on the measuring points to be
tested.
2.
Press the two low impedance test buttons
simultaneously.
3.
The Low Impedance LED will light and the applied
voltage will be displayed on the LEDs.
Note
: The maximum duty cycle in this mode is 5 seconds
for voltages up to 250V. Allow 10 minutes between each reading.
Note
: Measuring from hot to ground may trip any GFCI equipped circuits.
Continuity Test
The tester can measure resistance and alert the user if the resistance value is less than
400kΩ.
1.
Before taking a continuity test, make sure that power to the device or circuit under
test is off and that all capacitors are discharged.
2.
Touch the test tips to the device under test.
3.
If the resistance is less than 400kΩ., the tester will sound an audible alert and
the
continuity LED will light.
Flashlight
Press and hold the
button to turn the flashlight on. Release the button to turn the flashlight off.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com