Electronic Components Datasheet Search
  English  ▼

X  

HS-7002 Datasheet(PDF) 18 Page - BOSER Technology Co., Ltd

Part # HS-7002
Description  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 Datasheet(HTML) 18 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 22Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
12
3.8
Serial ATA Function
You can connect the Serial ATA device to this connector which
provides you high speed transfer rates (150MB/sec.). If you wish to use
RAID function, please note that these two Serial ATA connectors just
support RAID0 and only compatible with WIN XP.
J7: Serial ATA Connector
PIN
Description
1
GND
2
SATA0TXP
3
SATA0TXN
4
GND
5
SATA0RXN
6
SATA0RXP
7
GND
17
J6: Serial ATA Connector
PIN
Description
1
GND
2
SATA1TXP
3
SATA1TXN
4
GND
5
SATA1RXN
6
SATA1RXP
7
GND
17
IDE and Serial ATA Device Configurations
Following are the IDE and Serial ATA device configurations supported
by Intel ICH5 specifications.
Native operating systems (OS) are Windows 2000/XP. ICH5 supports
a maximum of six devices using these OS.
Legacy OS are MS-DOS, Windows 95/98/Me/NT4.0. ICH5 supports a
maximum of four devices using these OS.
Operating System
IDE
Serial ATA
WIN 2000/XP
Primary/Secondary
Port0/Port1
Primary
Port0/Port1
Secondary
Port0/Port1
WIN 95/98/Me/NT4.0
Primary/Secondary
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com