Electronic Components Datasheet Search
  English  ▼

X  

HS-7002 Datasheet(PDF) 45 Page - BOSER Technology Co., Ltd

Part # HS-7002
Description  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 Datasheet(HTML) 45 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 42Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 43Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 44Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 45Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 46Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 47Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 48Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 49Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
39
4.14 Set Supervisor/User Password
Phoenix – AwardBIOS CMOS Setup Utility
Standard CMOS Features
Frequency/Voltage Control
Advanced BIOS Features
Load Fail-Safe Defaults
Advanced Chipset Features
Load Optimized Defaults
Integrated Peripherals
Set Supervisor Password
Power Management Setup
Set User Password
PnP/PCI Configurati
t Setup
PC Health Status
Enter Password :
ut Saving
Esc : Quit
: Select Item
F10 : Save & Exit Setup
Change / Set / Disable Password
You can set either supervisor or user password, or both of them. The
differences between are:
supervisor password: can enter and change the options of the setup
menus.
user password: just can only enter but do not have the right to change the
options of the setup menus.
When you select this function, the following message will appear at the
center of the screen to assist you in creating a password.
ENTER PASSWORD:
Type the password, up to eight characters in length, and press
<Enter>. The password typed now will clear any previously entered
password from CMOS memory. You will be asked to confirm the
password. Type the password again and press <Enter>. You may also
press <Esc> to abort the selection and not enter a password.
PASSWORD DISABLED.
To disable a password, just press <Enter> when you are prompted to
enter the password. A message will confirm the password and then will
be disabled. Once the password is disabled, the system will boot and
you can enter Setup freely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com