Electronic Components Datasheet Search
  English  ▼

X  

BF844 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BF844
Description  High Voltage Transistor(NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF844 Datasheet(HTML) 2 Page - Motorola, Inc

  BF844 Datasheet HTML 1Page - Motorola, Inc BF844 Datasheet HTML 2Page - Motorola, Inc BF844 Datasheet HTML 3Page - Motorola, Inc BF844 Datasheet HTML 4Page - Motorola, Inc BF844 Datasheet HTML 5Page - Motorola, Inc BF844 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BF844
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain(1)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 50 mAdc, VCE = 10 Vdc)
(IC = 100 mAdc, VCE = 10 Vdc)
hFE
40
50
45
20
—
200
—
—
—
Collector – Emitter Saturation Voltage(1)
(IC = 1.0 mAdc, IB = 0.1 mAdc)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
—
—
—
0.4
0.5
0.75
Vdc
Base – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VBE(sat)
—
0.75
Vdc
DYNAMIC CHARACTERISTICS
High Frequency Current Gain
(IC = 10 mAdc, VCE = 10 Vdc, f = 20 MHz)
|hfe|
1.0
—
Collector–Base Capacitance
(VCB = 20 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
6.0
pF
Emitter–Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
—
110
pF
Turn–On Time
(VCC = 150 Vdc, VBE(off) = 4.0 V, IC = 30 mAdc, IB1 = 3.0 mAdc)
ton
—
0.6
µs
Turn–Off Time
(VCC = 150 Vdc, IC = 30 mAdc, IB1 = IB2 = 3.0 mAdc)
toff
—
10
µs
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com