Electronic Components Datasheet Search
  English  ▼

X  

BF844 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BF844
Description  High Voltage Transistor(NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF844 Datasheet(HTML) 3 Page - Motorola, Inc

  BF844 Datasheet HTML 1Page - Motorola, Inc BF844 Datasheet HTML 2Page - Motorola, Inc BF844 Datasheet HTML 3Page - Motorola, Inc BF844 Datasheet HTML 4Page - Motorola, Inc BF844 Datasheet HTML 5Page - Motorola, Inc BF844 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BF844
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
160
20
1.0
IB, BASE CURRENT (µA)
Figure 2. Collector Saturation Region
0.5
0.3
0
10
10 k
300
TA = 25°C
IC = 1.0 mA
30
100
1.0 k
3.0 k
50 k
IC, COLLECTOR CURRENT (mA)
Figure 3. On Voltages
1.0
0
0.1
30
TA = 25°C
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
3.0
10
100
VBE(sat) @ IC/IB = 10
0.3
300
2.0
5.0
10
20
50
200 300
140
60
100
120
TA = 125°C
25
°C
–55
°C
VCE = 10 V
0.4
0.2
0.1
IC = 10 mA
1.0
0.8
0.6
0.4
0.2
80
40
100
IC = 50 mA
VCE, COLLECTOR VOLTAGE (VOLTS)
10
20
50
Figure 4. Active Region Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
300
200
100
20
10
1.0
100
200
500
100
µs
1.0 ms
TA = 25°C
1000
VALID FOR DUTY CYCLE
≤ 10%
1.0 s
TC = 25°C
Figure 5. Capacitance
REVERSE BIAS (VOLTS)
100
30
10
3.0
1.0
0.5
0.3
100
TA = 25°C
f = 1.0 MHz
Cib
300
1.0
2.0
5.0
10
20
50
Cob
10
3.0
2.0
1.5
1.0
0.1
30
3.0
10
0.3
100
1.0
0.2
Figure 6. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
VCE = 10 V
f = 10 MHz
TA = 25°C
1.0
2.0
5.0
2.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com