Electronic Components Datasheet Search
  English  ▼

X  

SPT5140 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT5140
Description  8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5140 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT5140 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SPT5140
REFERENCE CONSIDERATIONS
The SPT5140 has two reference inputs (Ref In and ISet)
and one reference output (Ref Out). The input pins are
connected to the inverting and noninverting inputs of an
internal amplifier that serves as a reference buffer.
The output of the buffer amplifier is the reference for the
current sinks. The amplifier feedback loop is connected
around one of the current sinks to achieve better accu-
racy. (See figure 9.)
Since the analog output currents are proportional to the
digital input data and the reference current (ISet), the full-
scale output may be adjusted by varying the reference
current. ISet is controlled through the (ISet) input on the
SPT5140. A method and equations to set ISet are shown
in figure 2. The SPT5140 can use an external negative
voltage reference. The external reference must be stable
to achieve a satisfactory output and the Ref In should be
driven through a resistor to minimize offsets caused by
bias current. The value for ISet can be varied with the 500
to 1k
Ω trimmer to change the full-scale output. A double
50 ohm load (25 ohm) can be driven if ISet is increased
by 50% above for doubly-terminated 75 ohm video
applications.
DATA INPUTS AND VIDEO CONTROLS
The SPT5140 has standard single-ended data inputs.
The inputs are registered to produce the lowest differen-
tial data propagation delay (skew) to minimize glitching.
There are also four video control inputs to generate com-
posite video outputs. These are Sync, Blank, Bright and
Reference White or Force High. Also provided is the
Feedthrough control mentioned earlier. The controls and
data inputs are all 10 KH and 100K ECL compatible. In
addition, all have internal pulldown resistors to leave
them at a logic low, so the pins are inactive when not
used. This is useful if the devices are applied as standard
DACs without the need for video controls or if less than
eight bits are used.
The SPT5140 is usually configured in the synchronous
mode. In this mode, the controls and data are synchro-
nized to prevent pixel dropout. This reduces screen-edge
distortions and provides the lowest output noise while
maintaining the highest conversion rate. By leaving the
Feedthrough (FT) control open (low), each rising edge of
the convert (CONV) clock latches decoded data and con-
trol values into a D-type internal register. The registered
data is then converted into the appropriate analog output
–1.3 V
CONV
CONV
1/2 LSB
tPWL
tH
tS
tPWH
tSI
OUT +
OUT –
1/2 LSB
–1.3 V
tDSC
tDST
Data Control
Inputs
Figure 3 – Timing Diagram
6
3/28/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com