Electronic Components Datasheet Search
  English  ▼

X  

SPT5140 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT5140
Description  8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5140 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button SPT5140 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SPT5140
CONVERT CLOCK
For best performance, the clock should be ECL driven,
differentially, by utilizing CONV and CONV (figure 5). By
driving the clock this way, clock noise and power supply/
output intermodulation will be minimized. The rising edge
of the clock synchronizes the data and control inputs to
the SPT5140. Since the actual switching threshold of
CONV is determined by CONV , the clock can be driven
single-ended by connecting a bias voltage to CONV . The
switching threshold of CONV is set by this bias voltage.
ANALOG OUTPUTS
The SPT5140 has two analog outputs that are high im-
pedance, complementary current sinks. The outputs vary
in proportion to the input data, controls and reference cur-
rent values so that the full-scale output can be changed
by setting ISet as mentioned earlier.
In video applications, the outputs can drive a doubly ter-
minated 50 or 75 ohm load to standard video levels. In
the standard configuration of figure 6, the output voltage
is the product of the output current and load impedance
and is between 0 and –1.07 V. The Out– output (figure 4)
will provide a video output waveform with the Sync pulse
bottom at the –1.07 V level. The Out+ is inverted with
Sync up.
OUT +
Video Monitor
Inverse
Video
OUT –
RL
75
Ω
75
Ω COAX
RS
75
Ω
RL
75
Ω
75
Ω COAX
RS
75
Ω
SPT5140
Video Out
0 to –1 Volt
OUT +
OUT –
RL
37.5
Ω
CL
<5 pF
CONV
1 k
Ω
100
Ω
6.5
Ω
–1.2 V
(Max 1.5 mA)
1 k
Ω
24-Pin DIP
All Resistors Are 5% 1/4 W cc
Clock = –0.9 to –1.7 V, 100 kHz
ISet
CONV
1 k
Ω
VCC
Clock
(Max 60
µA)
–5.9 V
(Max 200 mA)
(Max 50 mA)
Out–
Ref In
VEE
Out+
–1.3 V
(Max 60
µA)
1 k
Ω
6.5
Ω
100
Ω
(Max 50 mA)
(Max 1.5 mA)
0.0 V
–1.3 V
CONV
CONV
VIDF
VICM MIN
VICM MAX
Figure 5 – CONVert, CONVert Switching Levels
Figure 6A – Standard Load
Figure 6B – Test Load
Figure 7 – Burn-In Circuit
8
3/28/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com