Electronic Components Datasheet Search
  English  ▼

X  

SPT7864 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7864
Description  10-BIT, 40 MSPS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7864 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7864 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
11/20/01
SPT7864
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VDD=+5.0 V, ƒS=40 MSPS, VREFH=3.0 V, VREFL=2.0 V, OVDD=3.0 V, unless otherwise specified.
TEST
TEST
SPT7864
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Power Supply Requirements
VDD Voltage (Analog Supply)
IV
4.75
5.0
5.25
V
OVDD Voltage (Output Supply)
IV
2.7
3.0/5.0
5.25
V
VDD Current
VI
74
mA
OVDD Current
VI
8
mA
Power Dissipation
External Voltage Reference
VI
387
417
mW
Internal Voltage Reference
VI
395
425
mW
Sleep Mode Power Dissipation
External Voltage Reference
VI
45
47
mW
Internal Voltage Reference
VI
55
56
mW
Power Supply Rejection Ratio (PSRR)
V
45
dB
Internal References
Common Mode Voltage Reference (VCM) IO = –1 µA
VI
2.4
2.5
2.6
V
Common Mode Voltage Tempco
V
100
ppm/°C
Output Impedance (VCM)V
2
k
Ω
Reference Low Output Voltage (VREFL)
(EXT/INT) = 0
VI
1.95
2.0
2.05
V
Reference High Output Voltage (VREFH)
(EXT/INT) = 0
VI
2.95
3.0
3.05
V
External References
Reference Low Input Voltage Range
(EXT/INT) = 1
IV
1.7
2.0
2.3
V
Reference High Input Voltage Range
(EXT/INT) = 1
IV
2.7
3.0
3.3
V
Digital Outputs
Output Voltage High
IO = –2 mA
VI
85% OVDD
90% OVDD
OVDD
V
Output Voltage Low
IO = 2 mA
VI
0.2
0.4
V
Digital Inputs
Input High Voltage
VI
80% VDD
V
Input Low Voltage
VI
20% VDD
V
Input High Current
VI
±100
µA
Input Low Current
VI
±100
µA
Clock Inputs
Clock Inputs High Voltage
VI
2
5
V
Clock Inputs Low Voltage
VI
0.4
V
Clock Inputs High Current
VI
±115
µA
Clock Inputs Low Current
VI
±115
µA
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications are
guaranteed. The Test Level column indicates the
specific device testing actually performed during
production and Quality Assurance inspection. Any
blank section in the data column indicates that the
specification is not tested at the specified
condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25 °C, and sample tested
at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and
characterization data.
Parameter is a typical value for information purposes only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com