Electronic Components Datasheet Search
  English  ▼

X  

SPT7864 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7864
Description  10-BIT, 40 MSPS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7864 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7864 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7864 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
11/20/01
SPT7864
TYPICAL PERFORMANCE CHARACTERISTICS
0.7
0.1
0.0
–0.2
–0.5
–0.3
–0.4
–0.6
–0.7
–0.1
0.2
0.3
0.4
0.5
0.6
40
50
60
Sample Rate (MSPS)
30
70
ƒIN = 1 kHz
0.7
0.1
0.0
–0.2
–0.5
–0.3
–0.4
–0.6
–0.7
–0.1
0.2
0.3
0.4
0.5
0.6
40
50
60
Sample Rate (MSPS)
30
70
ƒIN = 1 kHz
DLE Versus Sample Rate
ILE Versus Sample Rate
DLE Versus Temperature
0.7
0.1
0.0
–0.2
–0.5
–0.3
–0.4
–0.6
–0.7
–0.1
0.2
0.3
0.4
0.5
0.6
–20
040
80
Temperature (Degrees C)
20
60
ƒIN = 1 kHz
ƒS = 40 MSPS
ILE Versus Temperature
SNR, SINAD, –THD, SFDR Versus Sample Rate
SNR, SINAD, –THD, SFDR Versus Temperature
45
50
55
60
65
70
75
80
45
55
40
50
Sample Rate (MSPS)
SNR
–THD
SFDR
ƒIN = 10 MHz
25
30
35
SINAD
60
45
50
55
60
65
70
75
80
–20
20
60
0
40
80
Temperature (Degrees C)
SINAD
SNR
–THD
SFDR
ƒIN = 10 MHz
ƒS = 40 MHz
0.7
0.1
0.0
–0.2
–0.5
–0.3
–0.4
–0.6
–0.7
–0.1
0.2
0.3
0.4
0.5
0.6
–20
040
80
Temperature (Degrees C)
20
60
ƒIN = 1 kHz
ƒS = 40 MSPS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com