Electronic Components Datasheet Search
  English  ▼

X  

SPT8100SIT Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT8100SIT
Description  16-BIT, 5 MSPS CMOS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT8100SIT Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT8100SIT Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
1/9/02
SPT8100
PACKAGE OUTLINE
44-Lead LQFP
Index
A
B
C D
Pin 1
E
F
G
H
I
J
K
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.465
0.480
11.80
12.20
B
0.390
0.398
9.90
10.10
C
0.390
0.398
9.90
10.10
D
0.465
0.480
11.80
12.20
E
0.0315 BSC
0.80 BSC
F
0.012
0.018
0.30
0.45
G
0.053
0.057
1.35
1.45
H
0.002
0.006
0.05
0.15
I
0.018
0.030
0.45
0.75
J
0.039 typ
1.0 typ
K0–7°
0–7°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com