Electronic Components Datasheet Search
  English  ▼

X  

SPT8100SIT Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT8100SIT
Description  16-BIT, 5 MSPS CMOS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT8100SIT Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT8100SIT Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT8100SIT Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
1/9/02
SPT8100
PIN ASSIGNMENTS
PIN FUNCTIONS
Pin Name Description
AGND
Analog ground
DGND
Digital ground
DVDD
Digital +5.0 V supply
OGND
Ground for digital I/O
OVDD
Digital outputs supply (+3.3/5 V)
CLK
Master reference clock
OE
Output enable (active high)
D0–D15
Data output bits; D0 is LSB; D15 is MSB
OVR
Overrange indicator bit (active high)
N/C
No connect
GS[2:0]
3-bit PGA gain setting control inputs
AVDD
Analog +5.0 V supply
RS
Resets internal state of chip (active low)
RDY
Initialization in progress indicator; RDY goes low
during reset initialization. Chip is ready for normal
operation when RDY is high.
BIASC
External bias capacitor connection
BIASR
External bias resistor connection
VRT, VRB
ADC reference voltage outputs
VCM
Common mode reference voltage output
VIN+, VIN– Analog inputs to the PGA
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
AGND
DGND
DVDD
DVDD
OGND
OVDD
CLK
OE
D0 (LSB)
D1
D2
RDY
N/C
N/C
AGND
AVDD
GS2
N/C
OVR
D15 (MSB)
D14
RS
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT8100SIT
–40 to +85 °C
44L LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com