Electronic Components Datasheet Search
  English  ▼

X  

TMC2192 Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 16Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
12
REV. 1.0.0 8/13/03
Horizontal Programming
Control registers for this section
Horizontal interval timing is fully programmable and is
established by loading the timing registers with the duration
of each horizontal element. The duration is expressed in
PCK clock cycles. In this way, any pixel clock rate between
10 MHz and 15 MHz can be accommodated, and any desired
standard or non-standard horizontal video timing may be
produced.
Horizontal timing parameters can be calculated as follows:
t = N x ( PCK period )
= N x ( 2 x PXCK period )
where N is the value loaded into the appropriate timing
register, and PCK is the pixel clock period.
When programming horizontal timing, subtract 5 PCK
periods from the calculated values of CBP and add 5 PCK
periods to the calculated value for VA. The control register
HALFEN enables the 1st half line (UBV) on line 283 for
NTSC, PAL-M and line 23 for all other PAL standards when
it is LOW.
Address
Bit(s)
Name
0x06
7-6
FORMAT
0x19
7
SHORT
0x19
6
T512
0x19
5
HALFEN
0x20
7-0
SY
0x21
7-0
BR
0x22
7-0
BU
0x23
7-0
CBP
0x24
7-0
XBP
0x25
7-0
VA
0x26
7-0
VC
0x27
7-0
VB
0x28
7-0
EL
0x29
7-0
EH
0x2A
7-0
SL
0x2B
7-0
SH
0x2C
7-0
FP
0x2D
7-6
XBP (MSB’s)
0x2D
5-4
VA (MSB’s)
0x2D
3-2
VB (MSB’s)
0x2D
1-0
VC (MSB’s)
Table 4. Horizontal Line Equations
Line Type
Line ID
Line Length Equals
EE
00
EL + EH + EL + EH
SE
02
SL + SH + EL + EH
SS
03
SL + SH + SL + SH
ES
01
EL + EH + SL + SH
EB
10
EL + EH + EL + EH
UBB, -BB
0D, 05
SY + BR + BU + CBP + VA + FP
UVV, -VV
0F, 07
SY + BR + BU + CBP + VA + FP
UVE, -VE
0C, 04
SY + BR + BU + CBP + VC + FP + EL + EH
UBV
0E
SY + BR + BU + XBP + VB + FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com